Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MRF154 Datasheet(Hoja de datos) 4 Page - Motorola, Inc

No. de Pieza. MRF154
Descripción  N-CHANNEL BROADBAND RF POWER MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 4 page
background image
MRF154
4
MOTOROLA RF DEVICE DATA
Figure 8. Series Equivalent Impedance
Figure 9. 20 – 80 MHz 1.0 kW Broadband Amplifier
C1 — 1000 pF Ceramic
C2, C3, C4, C8, C9, C10, C11 — 0.1
µF Ceramic
C5 — 10
µF/100 V Electrolytic
C6, C7 — 0.1
µF Ceramic, (ATC 200/823 or Equivalent)
D1 — 28 V Zener, 1N5362 or Equivalent
D3 — 1N4148
IC1 — MC1723
L1, L2 — Fair–Rite Products Corp. Ferrite Beads
#2673000801
R1, R2, R3 — 10 k Trimpot
R4 — 1.0 k/1.0 W
R5 — 10 Ohms
R6 — 2.0 k
R7 — 10 k
R8 — Thermistor, 10 k (25
°C), 2.5 k (75°C)
R9, R10 — 100 Ohms
R11, R12 — 1.0 k
R13, R14 — 50 – 100 Ohms, 4.0 x 2.0 W Carbon in Parallel
T1 — 9:1 Transformer, Trifilar and Balun Wound on Separate
T1 — Fair–Rite Products Corp. Balun Cores #286100012, 5 Turns Each.
T2 — 1:9 Transformer, Balun 50 Ohm CO–AX Cable RG–188,
T2 — Low Impedance Lines W.L. Gore 16 Ohms CO–AX Type CXN 1837.
T2 — Each Winding Threaded Through Two Fair–Rite Products Corp.
T2 — #2661540001 Ferrite Sleeves (6 Each).
XTR — MRF154
BIAS
+
30 – 40 V
R4
D1
C1
R3
R7
R5
R6
R8
TEMP. TRACKING
R2
D3
C3
R10
R14
C11
C9
T1
INPUT
C2
R9
D2
R1
R11
R12
C8
R13
C10
XTR
XTR
L1
L2
+
40 V
C4
C5
OUTPUT
IC1
C6
C7
T2
+
D.U.T.
D.U.T.
f = 100 MHz
2.0
4.0
7.5
15
30
60
VDD = 50 V
IDQ = 800 mA
Pout = 600 W
Zo = 10 Ω
Zin




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MRF173N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF173CQN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
UGF2702525W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRF151N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl