Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MRF154 Datasheet(Hoja de datos) 6 Page - Motorola, Inc

No. de Pieza. MRF154
Descripción  N-CHANNEL BROADBAND RF POWER MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 6 page
background image
MRF154
6
MOTOROLA RF DEVICE DATA
CIRCUIT CONSIDERATIONS
At high power levels (500 W and up), the circuit layout be-
comes critical due to the low impedance levels and high RF
currents associated with the output matching. Some of the
components, such as capacitors and inductors must also
withstand these currents. The component losses are directly
proportional to the operating frequency. The manufacturers
specifications on capacitor ratings should be consulted on
these aspects prior to design.
Push–pull circuits are less critical in general, since the
ground referenced RF loops are practically eliminated, and
the impedance levels are higher for a given power output.
High power broadband transformers are also easier to de-
sign than comparable LC matching networks.
EQUIVALENT TRANSISTOR PARAMETER TERMINOLOGY
Collector
Drain
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter
Source
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base
Gate
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V(BR)CES
V(BR)DSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCBO
VDGO
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IC
ID
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ICES
IDSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEBO
IGSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VBE(on)
VGS(th)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCE(sat)
VDS(on)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Cib
Ciss
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Cob
Coss
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
hfe
gfs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RCE(sat) =
VCE(sat)
IC
rDS(on) =
VDS(on)
ID




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MRF173N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF173CQN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
UGF2702525W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRF151N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl