Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza 1N4148
Descripción Electrónicos  Metalurgically Bonded Construction Low Current Leakage High Reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148 Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4148_13 Datasheet HTML 1Page - Micro Commercial Components 1N4148_13 Datasheet HTML 2Page - Micro Commercial Components 1N4148_13 Datasheet HTML 3Page - Micro Commercial Components 1N4148_13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148
500mW High Speed
Switching Diode
100 Volt
Features
High Reliability
Low Current Leakage
Metalurgically Bonded Construction
Electrical Characteristics @ 25
Unless Otherwise Specified
Reverse Voltage
VR
75V
Breakdown Voltage
VBR
100V
IR=100 A
Average Forward
Current
IO
150mA
Power Dissipation
PTOT
500mW
Junction
Temperature
TJ
175
Peak Forward Surge
Current
IFSM
2.0A
tp = 1.0 s
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 10mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
5.0
µA
50
µA
VR=20V; TJ = 25
VR=75V; TJ = 25
VR=20V; TJ =150
Maximum Junction
Capacitance
CJ
4.0pF
Measured at
1.0MHz, VR=0V
Maximum Reverse
Recovery Time
Trr
4.0ns
IF=10mA; VR = 6V
RL=100
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-35
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
Revision:
C
20
13/02/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
Operating Temperature: -65
to +175
Storage Temperature: -65
to +175
Maximum Thermal Resistance: 300K/W Junction To Ambient
Maximum Ratings
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I.
Moisture Sensitivity Level 1


Número de pieza similar - 1N4148_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results

Descripción similar - 1N4148_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N957 MICROSEMI-1N957 Datasheet
135Kb / 2P
   METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
   Low leakage current
August 2014 Rev 1
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
   Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
   Low Leakage Current
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
   Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
   Low leakage current
Revision: 08-Jul-15
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
   Low leakage current
logo
Vishay Siliconix
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
   Low leakage current
Revision: 08-Jul-15
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
   Low leakage current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
   Low leakage current
More results


Html Pages

1 2 3 4