Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-CN118 Datasheet(PDF) 10 Page - Omron Electronics LLC

No. de pieza CS1W-CN118
Descripción Electrónicos  CPU Selection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CN118 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button CS1W-CN118 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 13Page - Omron Electronics LLC CS1W-CN118 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CJ1 Ordering Guide
B-127
Programmable Controller
CJ1
DeviceNet
DeviceNet Slaves (continued)
Item
Description/Specifications
Standards
Part number
Environment-resistant Terminals
8 input points (NPN with + common)
CE
DRT1-ID08C
16 input points (NPN with + common)
DRT1-HD16C
16 input points (PNP with -- common)
DRT1-HD16C-1
8 output points (NPN with -- common)
DRT1-OD08C
16 output points (NPN with -- common)
DRT1-WD16C
16 output points (PNP with + common)
DRT1-WD16C-1
8 input points (NPN with + common)
8 output points (NPN with -- common)
DRT1-MD16C
8 input points (PNP with -- common)
8 output points (PNP with + common)
DRT1-MD16C-1
B7AC Interface Terminal
10 input points x 3 (3 branches for the B7AC)
U, C, CE
DRT1-B7AC
Analog Input Terminals
4 input points (4 words) or 2 input points (2 words)
(Set via DIP switch.)
CE
DRT1-AD04
4 input points (4 words)
DRT1-AD04H
Analog Output Terminals
2 output points (2 words)
Current: 0 to 20 mA, 4
to 20 mA
DRT1-DA02
Voltage: 1 to 5 V,
0to10V, -- 10to10V
Temperature Input Terminals
4 thermocouple inputs
(4 words)
Inputs: R, S, K1, K2,
J1, J2, T, E, B, N, L1,
L2, U, W, PLII
DRT1-TS04T
4 RTD inputs (4 words)
Inputs: Pt100, JPt100
DRT1-TS04P
RS-232C Module
Two RS-232C ports, 16 inputs (signal status)
DRT1-232C2
Digital Controller
DeviceNet-compatible Digital Controller
E5EK-AA2-DRT
High-density Temperature Controller
DeviceNet-compatible High-density Temperature
Controller
E5ZE-8jD1-jB-V2
Multi-function Compact Inverter
DeviceNet Communications Module
DeviceNet Communications Module for the 3G3MV
3G3MV-PDRT1-SINV
High-function General-purpose Inverter
DeviceNet Communications Module
DeviceNet Communications Module for the 3G3RV
and 3G3FV
3G3FV-PDRT1-SIN
Intelligent Flag III
DeviceNet-compatible ID system
V600-HAM42-DRT
Vision Sensor Controller
DeviceNet-compatible vision system
F150-C10V3-DRT
Super-compact Signal Converter Bases
DeviceNet-compatible Bases
K3FM-BIj/BOj
Programmable Terminal DeviceNet
Interface Module
DeviceNet Interface Module for the NT31/NT631
Series
NT-DRT21
DeviceNet Wireless Modules
DeviceNet Wireless Master Module
WD30-ME
DeviceNet Wireless Slave Module
WD30-SE


Número de pieza similar - CS1W-CN118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-CN118 OMRON-CS1W-CN118 Datasheet
1Mb / 22P
   Programmable Controller
CS1W-CN118 OMRON-CS1W-CN118 Datasheet
344Kb / 15P
   CJ1 Ordering Guide
CS1W-CN118 OMRON-CS1W-CN118 Datasheet
638Kb / 5P
   Operator Interfaces/HMIs NS
CS1W-CN118 OMRON-CS1W-CN118 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
More results

Descripción similar - CS1W-CN118

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Integrated Device Techn...
8V74S4622 IDT-8V74S4622 Datasheet
393Kb / 16P
   Clock signal selection
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
STMicroelectronics
AN4190 STMICROELECTRONICS-AN4190 Datasheet
1Mb / 29P
   Antenna selection guidelines
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
Freescale Semiconductor...
AN1668 FREESCALE-AN1668 Datasheet
161Kb / 6P
   Washing Appliance Sensor Selection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com