Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPIC6C595DRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPIC6C595DRG4
Descripción Electrónicos  POWER LOGIC 8-BIT SHIFT REGISTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPIC6C595DRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPIC6C595DRG4 Datasheet HTML 5Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 6Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 7Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 8Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 9Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 10Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 11Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 12Page - Texas Instruments TPIC6C595DRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPIC6C595
POWER LOGIC 8BIT SHIFT REGISTER
SLIS061C − JULY 1998 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
Figure 10
N − Number of Outputs Conducting Simultaneously
0.00
0.05
0.10
0.15
0.20
0.25
12345678
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
VCC = 5 V
TC = 25°C
TC = 125°C
TC = 100°C
N − Number of Outputs Conducting Simultaneously
0.00
0.05
0.10
0.15
0.20
0.25
0.30
12345678
MAXIMUM PEAK DRAIN CURRENT
OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
VCC = 5 V
TC = 25°C
d = tw/tperiod
= 1 ms/tperiod
Figure 11
d = 10%
d = 20%
d = 50%
d = 80%


Número de pieza similar - TPIC6C595DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
962Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595DRG4 TI1-TPIC6C595DRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Power Logic 8-Bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com