Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM336M-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM336M-2.5
Descripción Electrónicos  LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM336M-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  LM336M-2.5 Datasheet HTML 1Page - Texas Instruments LM336M-2.5 Datasheet HTML 2Page - Texas Instruments LM336M-2.5 Datasheet HTML 3Page - Texas Instruments LM336M-2.5 Datasheet HTML 4Page - Texas Instruments LM336M-2.5 Datasheet HTML 5Page - Texas Instruments LM336M-2.5 Datasheet HTML 6Page - Texas Instruments LM336M-2.5 Datasheet HTML 7Page - Texas Instruments LM336M-2.5 Datasheet HTML 8Page - Texas Instruments LM336M-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
15 mA
Forward Current
10 mA
Storage Temperature
−60˚C to +150˚C
Operating Temperature Range (Note 2)
LM136
−55˚C to +150˚C
LM236
−25˚C to +85˚C
LM336
0˚C to +70˚C
Soldering Information
TO-92 Package (10 sec.)
260˚C
TO-46 Package (10 sec.)
300˚C
SO Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” (Appendix D) for other methods of
soldering surface mount devices.
Electrical Characteristics (Note 3)
LM136A-2.5/LM236A-2.5
LM336B-2.5
Parameter
Conditions
LM136-2.5/LM236-2.5
LM336-2.5
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown
Voltage
T
A=25˚C, IR=1 mA
LM136, LM236, LM336
2.440
2.490 2.540
2.390
2.490 2.590
V
LM136A, LM236A, LM336B
2.465
2.490 2.515
2.440
2.490 2.540
V
Reverse Breakdown
Change
T
A=25˚C,
2.6
6
2.6
10
mV
With Current
400 µA
≤I
R
≤10 mA
Reverse Dynamic
Impedance
T
A=25˚C, IR=1 mA, f = 100 Hz
0.2
0.6
0.2
1
Temperature Stability
V
R Adjusted to 2.490V
(Note 4)
I
R=1 mA, Figure 2
0˚C
≤T
A
≤70˚C (LM336)
1.8
6
mV
−25˚C
≤T
A
≤+85˚C
3.5
9
mV
(LM236H, LM236Z)
−25˚C
≤ T
A
≤ +85˚C (LM236M)
7.5
18
mV
−55˚C
≤T
A
≤+125˚C (LM136)
12
18
mV
Reverse Breakdown
Change
400 µA
≤I
R
≤10 mA
3
10
3
12
mV
With Current
Reverse Dynamic
Impedance
I
R=1 mA
0.4
1
0.4
1.4
Long Term Stability
T
A=25˚C ±0.1˚C, IR=1 mA,
20
20
ppm
t = 1000 hrs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its specified operating conditions.
Note 2: For elevated temperature operation, Tj max is:
LM136
150˚C
LM236
125˚C
LM336
100˚C
Thermal Resistance
TO-92
TO-46
SO-8
θ
ja (Junction to Ambient)
180˚C/W (0.4" leads)
440˚C/W
165˚C/W
170˚C/W (0.125" lead)
θ
ja (Junction to Case)
n/a
80˚C/W
n/a
www.national.com
3


Número de pieza similar - LM336M-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM336M-2.5 NSC-LM336M-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM336M-2.5/NOPB TI1-LM336M-2.5/NOPB Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
More results

Descripción similar - LM336M-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM336MX-2.5 TI1-LM336MX-2.5 Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-2.5-N TI1-LM136-2.5-N Datasheet
316Kb / 16P
[Old version datasheet]   LM136-2.5 LM236-2.5 LM336-2.5V Reference Diode
LM236-2.5-N TI1-LM236-2.5-N Datasheet
715Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM336M-25 TI-LM336M-25 Datasheet
676Kb / 14P
[Old version datasheet]   LM136-2.5/LM236-2.5/LM336-2.5V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com