Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2937ES-8.0 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM2937ES-8.0
Descripción Electrónicos  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ES-8.0 Datasheet(HTML) 4 Page - Texas Instruments

  LM2937ES-8.0 Datasheet HTML 1Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 2Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 3Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 4Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 5Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 6Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 7Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 8Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM2937
SNVS100E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
VIN = VNOM + 5V
(1) I
OUTmax = 500 mA for the TO-220 and DDPAK/TO-263 packages, IOUTmax=400mA for the SOT-223 package,
COUT = 10 μF unless otherwise indicated. Boldface limits apply over the entire operating temperature range of the
indicted device., all other specifications are for TA = TJ = 25°C.
Output Voltage (VOUT)
12V
15V
Units
Parameter
Conditions
Typ
Limit
Typ
Limit
Output Voltage
11.64
14.55
V (Min)
12.00
11.40
15.00
14.25
V(Min)
5 mA
≤ IOUT ≤ IOUTmax
12.36
15.45
V(Max)
12.60
15.75
V(Max)
Line Regulation
(VOUT + 2V) ≤ VIN ≤ 26V,
36
120
45
150
mV(Max)
IOUT = 5 mA
Load Regulation
5 mA
≤ IOUT ≤ IOUTmax
12
120
15
150
mV(Max)
Quiescent Current
(VOUT + 2V) ≤ VIN ≤ 26V,
2
10
2
10
mA(Max)
IOUT = 5 mA
VIN = (VOUT + 5V),
10
20
10
20
mA(Max)
IOUT = IOUTmax
Output Noise Voltage
10 Hz–100 kHz, IOUT = 5 mA
360
450
μVrms
Long Term Stability
1000 Hrs
44
56
mV
Dropout Voltage
IOUT = IOUTmax
0.5
1.0
0.5
1.0
V(Max)
IOUT = 50 mA
110
250
110
250
mV(Max)
Short-Circuit Current
1.0
0.6
1.0
0.6
A(Min)
Peak Line Transient Voltage
tf < 100 ms, RL = 100Ω
75
60
75
60
V(Min)
Maximum Operational Input
26
26
V(Min)
Voltage
Reverse DC Input Voltage
VOUT ≥ −0.6V, RL = 100Ω
−30
−15
−30
−15
V(Min)
Reverse Transient Input
tr < 1 ms, RL = 100Ω
−75
−50
−75
−50
V(Min)
Voltage
(1)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2937


Número de pieza similar - LM2937ES-8.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2937ES-8.0 NSC-LM2937ES-8.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ES-8.0/NOPB TI-LM2937ES-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Descripción similar - LM2937ES-8.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com