Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-354-00AE Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-354-00AE
Descripción Electrónicos  AC Input Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-354-00AE Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-354-00AE Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-354-00AE Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-354-00AE Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-354-00AE Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-354-00AE Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-354-00AE Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
1
VF – FORWARD VOLTAGE – V
20
30
10
5
500
10
0
HCPL-354 fig 4
TA = 75°C
5
15
25
2
20
50
100
200
TA = 50°C
TA = 25°C
TA = 0°C
TA = -25°C
Figure 1. Forward current vs. ambient temperature.
Figure 2. Collector power dissipation vs. ambient
temperature.
Figure 3. Collector-emitter saturation voltage vs.
forward current.
Figure 4. Forward current vs. forward voltage.
Figure 5. Current transfer ratio vs. forward current.
Figure 6. Collector current vs. collector-emitter volt-
age.
Figure 7. Relative current transfer ratio vs. ambient
temperature.
Figure 8. Collector-emitter saturation voltage vs.
ambient temperature.
Figure 9. Collector dark current vs. ambient tempera-
ture.
0
TA – AMBIENT TEMPERATURE – °C
75
125
50
25
10
40
0
50
100
-55
60
HCPL-354 fig 1
30
20
0
TA – AMBIENT TEMPERATURE – °C
100
50
200
150
HCPL-354 fig 2
75
125
25
0
50
100
-55
0
IF – FORWARD CURRENT – mA
10
100
40
0.2
0.1
HCPL-354 fig 5
20
60
120
140
80
100
0.5
20
1
50
5
2
VCE = 5 V
TA = 25°C
0
VCE – COLLECTOR-EMITTER VOLTAGE – V
6
10
40
20
50
3
0
HCPL-354 fig 6
PC (MAX.)
TA = 25°C
IF = 30 mA
IF = 20 mA
IF = 5 mA
30
10
1 2
4 5
7 8 9
IF = 1 mA
IF = 10 mA
0
100
50
150
HCPL-354 fig 7
VCE = 5 V
IF = 1 mA
TA – AMBIENT TEMPERATURE – °C
80
40
60
100
20
0
0.10
0.02
HCPL-354 fig 8
IC = 1 mA
IF = 20 mA
TA – AMBIENT TEMPERATURE – °C
80
40
20
60
100
0.04
0.06
0.08
HCPL-354 fig 9
TA – AMBIENT TEMPERATURE – °C
1
80
40
60
100
20
VCE = 20 V
10
100
1000
10000
0
IF – FORWARD CURRENT – mA
10.0
15.0
2
5.0
0
HCPL-354 fig 3
1
3
4
5
6
TA = 25°C
IC = 0.5 mA
IC = 1 mA
IC = 3 mA
IC = 5 mA
IC = 7 mA
2.5
7.5
12.5


Número de pieza similar - HCPL-354-00AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-354-000E HP-HCPL-354-000E Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-000E AVAGO-HCPL-354-000E Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results

Descripción similar - HCPL-354-00AE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com