Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU31TD3WG-XTR Datasheet(PDF) 8 Page - Rohm

No. de pieza BU31TD3WG-XTR
Descripción Electrónicos  High accuracy detection, low current consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU31TD3WG-XTR Datasheet(HTML) 8 Page - Rohm

Back Button BU31TD3WG-XTR Datasheet HTML 4Page - Rohm BU31TD3WG-XTR Datasheet HTML 5Page - Rohm BU31TD3WG-XTR Datasheet HTML 6Page - Rohm BU31TD3WG-XTR Datasheet HTML 7Page - Rohm BU31TD3WG-XTR Datasheet HTML 8Page - Rohm BU31TD3WG-XTR Datasheet HTML 9Page - Rohm BU31TD3WG-XTR Datasheet HTML 10Page - Rohm BU31TD3WG-XTR Datasheet HTML 11Page - Rohm BU31TD3WG-XTR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
8/9
17.JAN.2013.Rev.001
BUxxTD3WG series
Datasheet
About power dissipation (Pd)
As for power dissipation, an approximate estimate of the heat reduction characteristics and internal power consumption of
IC are shown, so please use these for reference. Since power dissipation changes substantially depending on the
implementation conditions (board size, board thickness, metal wiring rate, number of layers and through holes, etc.), it is
recommended to measure Pd on a set board. Exceeding the power dissipation of IC may lead to deterioration of the
original IC performance, such as causing operation of the thermal shutdown circuit or reduction in current capability.
Therefore, be sure to prepare sufficient margin within power dissipation for usage.
Calculation of the maximum internal power consumption of IC (PMAX)
PMAX=(VIN-VOUT)×IOUT(MAX.) (VIN: Input voltage
VOUT: Output voltage
IOUT(MAX): Maximum output current)
Measurement conditions
Standard ROHM Board
Top Layer (Top View)
Layout of Board for
Measurement
IC
Implementation
Position
Bottom Layer (Top View)
Measurement State
With board implemented (Wind speed 0 m/s)
Board Material
Glass epoxy resin (Double-side board)
Board Size
70 mm x 70 mm x 1.6 mm
Top layer
Metal (GND) wiring rate: Approx. 0%
Wiring
Rate
Bottom
layer
Metal (GND) wiring rate: Approx. 50%
Through Hole
Diameter 0.5mm x 6 holes
Power Dissipation
0.54W
Thermal Resistance
θja=185.2°C/W
* Please design the margin so that
PMAX becomes is than Pd (PMAX
<Pd)
within the usage temperature range
Fig. 28
SSOP5
Power dissipation heat reduction characteristics (Reference)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ta [
℃]
0.54W
85
Standard ROHM
Board


Número de pieza similar - BU31TD3WG-XTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU31TD3WG-XTR ROHM-BU31TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Descripción similar - BU31TD3WG-XTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Seiko Instruments Inc
S1009 SII-S1009 Datasheet
661Kb / 43P
   SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Leshan Radio Company
LR6230 LRC-LR6230_15 Datasheet
617Kb / 10P
   Low Consumption Current High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com