Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP102EVM Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TMP102EVM
Descripción Electrónicos  TMP102EVM Evaluation Board and Software Tutorial
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP102EVM Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP102EVM Datasheet HTML 2Page - Texas Instruments TMP102EVM Datasheet HTML 3Page - Texas Instruments TMP102EVM Datasheet HTML 4Page - Texas Instruments TMP102EVM Datasheet HTML 5Page - Texas Instruments TMP102EVM Datasheet HTML 6Page - Texas Instruments TMP102EVM Datasheet HTML 7Page - Texas Instruments TMP102EVM Datasheet HTML 8Page - Texas Instruments TMP102EVM Datasheet HTML 9Page - Texas Instruments TMP102EVM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TUSB3210
8052 C
m
with USB Interface
and UART
8Kx8-byte
EEPROM
+3.3V
V
USB
+5V
Power-On Reset
SM USB DIG Platform
Power
Switching
Switched
Power
USB Bus
from
Computer
USB Power
+5.0V
+3.0V
V
(H-Z, 3.3V, or 5V)
DUT
Buffers and
Level Translators
I C/SPI
Control and
Measure Bits
2
+3.3V
Regulator
TMP102EVM Hardware
www.ti.com
2.2.1
Theory of Operation for SM-USB-DIG Platform
Figure 4 shows the block diagram for the SM-USB-DIG platform. This platform is a general-purpose data
acquisition system that is used on several different Texas Instruments evaluation modules. The details of
its operation are included in a separate document, SBOU098 (available for download at www.ti.com). The
block diagram shown in Figure 4 gives a brief overview of the platform. The primary control device on the
SM-USB-DIG platform is the TUSB3210.
Figure 4. SM-USB-DIG Platform Block Diagram
3
TMP102EVM Hardware
The TMP102EVM hardware overview involves connecting the two PCBs of the EVM together, connecting
the USB cable, applying power, and setting the jumpers. This section presents the details of this
procedure.
3.1
Electrostatic Discharge Warning
CAUTION
Many of the components on the TMP102EVM are susceptible to damage by
electrostatic discharge (ESD). Customers are advised to observe proper ESD
handling precautions when unpacking and handling the EVM, including the use
of a grounded wrist strap at an approved ESD workstation.
6
TMP102EVM Evaluation Board and Software Tutorial
SBOU114
– August 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Número de pieza similar - TMP102EVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102 TI1-TMP102 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
921Kb / 29P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102 TI1-TMP102 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
More results

Descripción similar - TMP102EVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP104EVM TI1-TMP104EVM Datasheet
2Mb / 25P
[Old version datasheet]   TMP104EVM Evaluation Board and Software Tutorial
INA230EVM TI1-INA230EVM Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com