Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4448 Datasheet(PDF) 2 Page - Rohm

No. de pieza 1N4448
Descripción Electrónicos  Switching diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

1N4448 Datasheet(HTML) 2 Page - Rohm

  1N4448 Datasheet HTML 1Page - Rohm 1N4448 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4531 / 1N4148 / 1N4150 / 1N4448
Diodes
Electrical characteristic curves (Ta = 25
°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.2
0.5
1
2
5
10
20
50
100
FORWARD VOLTAGE : VF
(V)
Fig. 1 Forward characteristics
0
20
40
60
80
100
120
3
10
30
100
300
1000
3000
REVERSE VOLTAGE : VR
(V)
Fig. 2 Reverse characteristics
70
°C
50
°C
100
°C
Ta
=25°C
0
0
10
20
30
0.5
1.0
1.5
2.0
2.5
3.0
515
25
f
=1MHz
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
Fig. 4 Reverse recovery time
characteristics
0
0
10
20
30
1
2
3
VR
=6V
Irr
=1/10IR
FORWARD CURRENT : IF
(mA)
0.1
1
10
100
1000
10000
1
2
5
10
20
50
100
PULSE
Single pulse
PULSE WIDTH : Tw (ms)
Fig. 5 Surge current characteristics
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
0.01
µF
100ns
INPUT
D.U.T.
trr
OUTPUT
0
5
Fig. 6 Reverse recovery time (trr) measurement circuit


Número de pieza similar - 1N4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Chongqing Pingwei Enter...
1N4448 CHONGQING-1N4448 Datasheet
38Kb / 1P
   HIGH SPEED SWITCHING DIODES
logo
NXP Semiconductors
1N4448 PHILIPS-1N4448 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4448 PHILIPS-1N4448 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
First Components Intern...
1N4448 FCI-1N4448 Datasheet
123Kb / 2P
   500 mW EPITAXIAL PLANAR DIODES
logo
GOOD-ARK Electronics
1N4448 GOOD-ARK-1N4448 Datasheet
235Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Descripción similar - 1N4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com