Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MRF177 Datasheet(Hoja de datos) 3 Page - Motorola, Inc

No. de Pieza. MRF177
Descripción  N-CHANNEL BROADBAND RF POWER MOSFET
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 3 page
background image
3
MRF177
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
02
4
8
10
6
140
120
100
80
60
0
20
40
Pin, INPUT POWER (WATTS)
Figure 1. Output Power versus Input Power
225 MHz
400 MHz
VDD = 28 V
IDQ = 200 mA
f = 150 MHz
50
40
30
20
0
10
02
6
8
10
4
Pin, INPUT POWER (WATTS)
Figure 2. Output Power versus Input Power
f = 225 MHz
400 MHz
VDD = 13.5 V
IDQ = 200 mA
Figure 3. Output Power versus Supply Voltage
28
04
8
12
16
20
24
420
360
300
240
180
0
120
60
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Ciss
Coss
Crss
140
120
100
80
60
40
20
0
30
10
12
14
18
20
22
26
28
16
24
140
120
100
80
0
20
60
40
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 4. Output Power versus Gate Voltage
Pin = 10 W
6.3 W
4 W
VGS, GATE–SOURCE VOLTAGE (VOLTS)
Figure 5. Capacitance versus Drain Voltage
–5
–4
–3
–1
0
1
3
5
–2
2
4
100
90
80
50
40
0
20
30
10
70
60
f = 400 MHz
VDS = 28 V
Pin = CONSTANT
IDQ = 200 mA
0.1
0.2
1
0.4
2
10
4
20
100
12
4
10
6
20
40
100
60
TC = 25° C
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
Figure 6. DC Safe Operating Area
IDQ = 200 mA
f = 400 MHz
VGS = 0 V
f = 1 MHz




Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MRF173N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF173CQN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
UGF2702525W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRF151N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF185LATERAL N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 Motorola, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl