Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF65N06 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FQPF65N06
Descripción Electrónicos  60V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF65N06 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQPF65N06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF65N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
VGS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
VGS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
RG
VGS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p


Número de pieza similar - FQPF65N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FQPF65N06 ISC-FQPF65N06 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Descripción similar - FQPF65N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com