Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3TB5017-0LB4 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

No. de pieza 3TB5017-0LB4
Descripción Electrónicos  Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3TB5017-0LB4 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button 3TB5017-0LB4 Datasheet HTML 6Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 7Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 8Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 9Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 10Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 11Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 12Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 13Page - Siemens Semiconductor Group 3TB5017-0LB4 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
3RH, 3TH Contactor Relays
3RH1 contactor relays, 4- and 8-pole
3/80
Siemens LV 1 · 2006
For other voltages, see page 3/81.
For accessories, see page 3/110 and 3/113.
For multi-unit packing and reusable packaging,
see Appendix -> Ordering Notes.
1) Coil operating range
at 50 Hz: 0.8 to 1.1 x Us
at 60 Hz: 0.85 to 1.1 x Us.
AC and DC operation
Cage Clamp terminals
3RH11 ..-2...
3RH12 ..-2...
Rated operational
current
Ie/AC-15/AC-14 at
Contacts
Rated control supply
voltage Us
DT
Cage Clamp terminals
PU
(UNIT,
SET, M)
PS*
PG
Weight
per PU
approx.
230 V
Ident. No. Version
Order No.
Price
per PU
ANO
NC
V
kg
For screw and snap-on mounting onto 35 mm standard mounting rail
AC operation
AC 50/60 Hz1)
• Size S00
Terminal designations according to EN 50011
6
40 E
4--
24
}
3RH11 40-2AB00
1
1 unit
101
0.201
110
}
3RH11 40-2AF00
1
1 unit
101
0.199
230
}
3RH11 40-2AP00
1
1 unit
101
0.200
31 E
3124
}
3RH11 31-2AB00
1
1 unit
101
0.200
110
}
3RH11 31-2AF00
1
1 unit
101
0.199
230
}
3RH11 31-2AP00
1
1 unit
101
0.199
22 E
2224
}
3RH11 22-2AB00
1
1 unit
101
0.201
110
}
3RH11 22-2AF00
1
1 unit
101
0.200
230
}
3RH11 22-2AP00
1
1 unit
101
0.199
With permanently mounted auxiliary switch block
6
44 E
44230
B
3RH12 44-2AP00
1
1 unit
101
0.253
62 E
62230
B
3RH12 62-2AP00
1
1 unit
101
0.254
DC operation · DC solenoid system
DC
6
40 E
4--
24
}
3RH11 40-2BB40
1
1 unit
101
0.260
220
B
3RH11 40-2BM40
1
1 unit
101
0.257
31 E
3124
}
3RH11 31-2BB40
1
1 unit
101
0.259
220
B
3RH11 31-2BM40
1
1 unit
101
0.254
22 E
2224
}
3RH11 22-2BB40
1
1 unit
101
0.261
220
B
3RH11 22-2BM40
1
1 unit
101
0.255
With permanently mounted auxiliary switch block
6
44 E
4424
A
3RH12 44-2BB40
1
1 unit
101
0.311
62 E
6224
A
3RH12 62-2BB40
1
1 unit
101
0.314
* You can order this quantity or a multiple thereof.


Número de pieza similar - 3TB5017-0LB4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
3TB5017-0B SIEMENS-3TB5017-0B Datasheet
490Kb / 4P
   3TB4817-0B / 3TB5017-0B
More results

Descripción similar - 3TB5017-0LB4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
   Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
   PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
logo
Hirose Electric
TJXA HIROSE-TJXA Datasheet
464Kb / 8P
   Interface Connector for Railway Applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
   CO2 Sensor for Railway Applications
08-2023
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
   Ethernet remote I/O for railway applications
logo
PHOENIX CONTACT
PLC-RPT-110UC PHOENIX-PLC-RPT-110UC Datasheet
84Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 110 V DC
PLC-RPT-72UC PHOENIX-PLC-RPT-72UC Datasheet
80Kb / 6P
   PLC-INTERFACE for railway applications, consisting of basic terminal block with push-in connection and plug-in miniature relay with power contact, range: 0.7 x UN to 1.25 x UN, temperature class TX: -40째C to 70째C, 1 PDT, input voltage 72 V DC
logo
XP Power Limited
MTH100 XPPOWER-MTH100 Datasheet
1Mb / 8P
   Designed for Extended Hold-Up Applications
logo
Pulse A Technitrol Comp...
JX0026D21NL PULSE-JX0026D21NL Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
J426 PULSE-J426 Datasheet
255Kb / 2P
   Extended Temperature products for Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com