Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
3TC5217-0AF4 Datasheet(PDF) 4 Page - Siemens Semiconductor Group |
|
3TC5217-0AF4 Datasheet(HTML) 4 Page - Siemens Semiconductor Group |
4 / 76 page 3RT, 3RH, 3TB, 3TC, 3TH, 3TK Contactors for Special Applications Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications 3TC contactors for switching DC voltage, 2-pole 3/74 Siemens LV 1 · 2006 ■Overview EN 60947-4-1. For requirements according to IEC 60077-1 and IEC 60077-2. The contactors are finger-safe according to EN 50274 (exception: series resistor). Terminal covers may have to be fitted onto the connecting bars, depending on the configuration with other devices. ■Application For operation in plants which are subject both to considerable variations in the control voltage and to high ambient temperatures, e.g. in railway applications. ■Selection and ordering data 1) The number of auxiliary contacts cannot be increased. With screw terminals 3TC44: for screw and snap-on mounting onto 35 mm standard mounting rail 3TC48 to 3TC56: for screw fixing Solenoid fitted with varistor 3TC48 Size Utilization category Rated operational current Ie at Rating of AC loads at Auxiliary contacts1) Rated control supply voltage Us DT Order No. Price per PU PU (UNIT, SET, M) PS* PG Weight per PU approx. 750 V 220 V 440 V 600 V 750 V A kWkWkWkWNO NC V DC kg Contactors for switching DC voltage ¼ DC operation · DC solenoid system 2 DC-1 DC-3/DC-5 32 7 14 19.2 24 2 1 24 B 3TC44 17-0LB4 1 1 unit 101 1.321 7.5 5 9 9 4 110 C 3TC44 17-0LF4 1 1 unit 101 1.310 4 DC-1 DC-3/DC-5 75 16.5 33 45 56 2 1 24 C 3TC48 17-0LB4 1 1 unit 101 4.857 75 13 27 38 45 110 C 3TC48 17-0LF4 1 1 unit 101 3.710 8 DC-1 DC-3/DC-5 170 48 97 132 165 2 1 24 C 3TC52 17-0LB4 1 1 unit 101 10.722 170 41 82 110 110 110 C 3TC52 17-0LF4 1 1 unit 101 10.830 12 DC-1 DC-3/DC-5 400 88 176 240 300 2 1 24 C 3TC56 17-0LB4 1 1 unit 101 24.150 400 70 140 200 250 110 C 3TC56 17-0LF4 1 1 unit 101 18.190 Us * You can order this quantity or a multiple thereof. |
Número de pieza similar - 3TC5217-0AF4 |
|
Descripción similar - 3TC5217-0AF4 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |