Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG963H10R Datasheet(PDF) 1 Page - Panasonic Battery Group

No. de pieza DMG963H10R
Descripción Electrónicos  Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONICBATTERY [Panasonic Battery Group]
Página de inicio  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DMG963H10R Datasheet(HTML) 1 Page - Panasonic Battery Group

  DMG963H10R Datasheet HTML 1Page - Panasonic Battery Group DMG963H10R Datasheet HTML 2Page - Panasonic Battery Group DMG963H10R Datasheet HTML 3Page - Panasonic Battery Group DMG963H10R Datasheet HTML 4Page - Panasonic Battery Group DMG963H10R Datasheet HTML 5Page - Panasonic Battery Group DMG963H10R Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ver. DED
Publication date: February 2013
1
DMG963H1
Silicon NPN epitaxial planar type (Tr1)
Silicon PNP epitaxial planar type (Tr2)
For digital circuits
DMG563H1 in SSMini5 type package
Features
Low collector-emitter saturation voltage VCE(sat)
Halogen-free / RoHS compliant
(EU RoHS / UL-94 V-0 / MSL: Level 1 compliant)
Marking Symbol: T1
Basic Part Number
DRC2144E + DRA2143X (Collector-base connection)
Packaging
DMG963H10R Embossed type (Thermo-compression sealing): 8000 pcs / reel (standard)
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Tr1
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
100
mA
Tr2
Collector-base voltage (Emitter open)
VCBO
–50
V
Collector-emitter voltage (Base open)
VCEO
–50
V
Collector current
IC
–100
mA
Overall
Total power dissipation
PT
125
mW
Junction temperature
Tj
150
°
C
Storage temperature
Tstg
–55 to +150
°
C
Unit: mm
1: Emitter (Tr1)
2: Base (Tr1)
3: Emitter (Tr2)
4: Collecter (Tr2)
5: Base (Tr2)
Collecter (Tr1)
Panasonic
SSMini5-F4-B
JEITA
SC-107BB
Code
SOT-665
(C2)
4
Tr1
Tr2
(B2, C1)
5
1
(E1)
3
(E2)
2
(B1)
R1
R1
R2
R2
Resistance
value
Tr1
R1
47
R2
47
Tr2
R1
4.7
R2
10


Número de pieza similar - DMG963H10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG9640N PANASONIC-DMG9640N Datasheet
403Kb / 6P
   Silicon NPN epitaxial planar type
More results

Descripción similar - DMG963H10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG563H1 PANASONIC-DMG563H1 Datasheet
388Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
   Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com