Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMG963H10R Datasheet(PDF) 4 Page - Panasonic Battery Group

No. de pieza DMG963H10R
Descripción Electrónicos  Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONICBATTERY [Panasonic Battery Group]
Página de inicio  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DMG963H10R Datasheet(HTML) 4 Page - Panasonic Battery Group

  DMG963H10R Datasheet HTML 1Page - Panasonic Battery Group DMG963H10R Datasheet HTML 2Page - Panasonic Battery Group DMG963H10R Datasheet HTML 3Page - Panasonic Battery Group DMG963H10R Datasheet HTML 4Page - Panasonic Battery Group DMG963H10R Datasheet HTML 5Page - Panasonic Battery Group DMG963H10R Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Ver. DED
DMG963H1
4
IC  VCE
hFE IC
VCE(sat) IC
0
0
12
2
10
4
8
6
120
100
80
60
40
20
Collector-emitter voltage VCE (V)
DMG963H1(Tr2)_IC-VCE
Ta = 25°C
IB = −800 µA
500 µA
600 µA
700 µA
300 µA
400 µA
200 µA
100 µA
0
0.1
300
250
200
150
100
50
1
10
100
Collector current IC (mA)
DMG963H1(Tr2)_hFE-IC
25°C
30°C
Ta = 85°C
VCE = −10 V
0.01
0.1
0.1
1
10
1
10
−100
DMG963H1(Tr2)_VCEsat-IC
Collector current IC (mA)
25°C
30°C
Ta = 85°C
IC / IB = 20
IO  VIN
VIN  IO
0
2.0
1.5
1.0
0.5
10−3
10−1
10−2
10
1
DMG963H1(Tr2)_IO-VIN
VO = −5 V
Input voltage VIN (V)
25°C
30°C
Ta = 85°C
0.1
0.1
1
10
100
1
10
100
Output current IO (mA)
DMG963H1(Tr2)_VIN-IO
VO = − 0.2 V
25°C
85°C
Ta = −30°C
Characteristics charts of Tr2


Número de pieza similar - DMG963H10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG9640N PANASONIC-DMG9640N Datasheet
403Kb / 6P
   Silicon NPN epitaxial planar type
More results

Descripción similar - DMG963H10R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
UP03312 PANASONIC-UP03312 Datasheet
127Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
XP03312 PANASONIC-XP03312_13 Datasheet
256Kb / 6P
   Silicon NPN epitaxial planar type Tr1 Silicon PNP epitaxial planar type Tr2
NP043A2 PANASONIC-NP043A2 Datasheet
109Kb / 4P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG964010R PANASONIC-DMG964010R Datasheet
400Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04314 PANASONIC-UP04314 Datasheet
113Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
XP04654 PANASONIC-XP04654 Datasheet
110Kb / 5P
   Silicon NPN epitaxial planar type (Tr1), Silicon PNP epitaxial planar type (Tr2)
DMG20402 PANASONIC-DMG20402 Datasheet
444Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
UP04601 PANASONIC-UP04601 Datasheet
117Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
DMG563H1 PANASONIC-DMG563H1 Datasheet
388Kb / 6P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2)
NP0H3A3 PANASONIC-NP0H3A3 Datasheet
104Kb / 5P
   Silicon PNP epitaxial planar type (Tr1), Silicon NPN epitaxial planar type (Tr2)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com