Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC2038LVT Datasheet(PDF) 6 Page - Diodes Incorporated

No. de pieza DMC2038LVT
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2038LVT Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC2038LVT Datasheet HTML 2Page - Diodes Incorporated DMC2038LVT Datasheet HTML 3Page - Diodes Incorporated DMC2038LVT Datasheet HTML 4Page - Diodes Incorporated DMC2038LVT Datasheet HTML 5Page - Diodes Incorporated DMC2038LVT Datasheet HTML 6Page - Diodes Incorporated DMC2038LVT Datasheet HTML 7Page - Diodes Incorporated DMC2038LVT Datasheet HTML 8Page - Diodes Incorporated DMC2038LVT Datasheet HTML 9Page - Diodes Incorporated DMC2038LVT Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DMC2038LVT
Document number: DS35417 Rev. 4 - 2
6 of 10
www.diodes.com
September 2012
© Diodes Incorporated
DMC2038LVT
Electrical Characteristics P-CHANNEL – Q2 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current @Tc = +25°C
IDSS
-
-
-1.0
μA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.4
-
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
-
57
74
m
VGS = -4.5V, ID = -3.0A
-
76
110
VGS = -2.5V, ID = -1.5A
-
102
168
VGS = -1.8V, ID = -1.0A
Forward Transfer Admittance
|Yfs|
-
10
-
S
VDS = -5V, ID = -3.0A
Diode Forward Voltage
VSD
-
-0.8
-1.0
V
VGS = 0V, IS = -0.6A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
530
705
pF
VDS = -10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
70
95
pF
Reverse Transfer Capacitance
Crss
-
60
90
pF
Gate Resistance
Rg
-
72
-
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
-
7
10
nC
VDS = -15V,ID = -6A
Total Gate Charge (VGS = -10V)
Qg
-
14
-
nC
Gate-Source Charge
Qgs
-
0.95
-
nC
Gate-Drain Charge
Qgd
-
1.2
-
nC
Turn-On Delay Time
tD(on)
-
11
20
nS
VDS = -10V, VGS = -4.5V,
RG = 6Ω, IS = -1A,
Turn-On Rise Time
tr
-
12
22
nS
Turn-Off Delay Time
tD(off)
-
21
34
nS
Turn-Off Fall Time
tf
-
13
23
nS
Notes:
7. Short duration pulse test used to minimize self-heating effec
8. Guaranteed by design. Not subject to product testing.
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 13 Typical Output Characteristics
DS
0
0.5
1
1.5
2
0
5
10
15
20
-V
=10V
GS
-V
=4.5V
GS
-V
=4.0V
GS
-V
=3.5V
GS
-V
=3.0V
GS
-V
=2.5V
GS
-V
=2.0V
GS
-V
=1.5V
GS
-V
, GATE SOURCE VOLTAGE(V)
Fig. 14 Typical Transfer Characteristics
GS
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5


Número de pieza similar - DMC2038LVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC2038LVT DIODES-DMC2038LVT Datasheet
708Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVT-7 DIODES-DMC2038LVT-7 Datasheet
343Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVT-7 DIODES-DMC2038LVT-7 Datasheet
708Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMC2038LVT-7-F VBSEMI-DMC2038LVT-7-F Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Diodes Incorporated
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
343Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMC2038LVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com