Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L-11-10-P Datasheet(PDF) 3 Page - Analog Devices

No. de pieza L-11-10-P
Descripción Electrónicos  11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

L-11-10-P Datasheet(HTML) 3 Page - Analog Devices

  L-11-10-P Datasheet HTML 1Page - Analog Devices L-11-10-P Datasheet HTML 2Page - Analog Devices L-11-10-P Datasheet HTML 3Page - Analog Devices L-11-10-P Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Installation Information
UL Listed and CSA Certified for use on stranded copper
(AWG) wire only.
Strip away the end 3/8 inch of wire insulation.
Make the crimp in the proper station of a recommended
3M crimp tool: TH-440, TH-450 (scissor style), or
TR-490 (ratchet style) hand tools.
Barrel Crimp (Electrical)
Engineering Specification
Crimp-type terminals shall, electrically and
mechnically, connect to a pre-stripped end of a
stranded copper wire and have a flat tongue portion
with a central opening for mounting around a screw or
stud.
The terminal line shall offer tongue variations in hole
(stud) size (6, 8 10, etc.) and configuration (ring, fork,
block fork, flanged block fork, locking fork, etc.): and
barrel variations in wire (AWG) size (22-18, 16-14,
12-10, etc.) and construction (non-insulated brazed
seam, vinyl insulated butted seam, nylon insulated
with insulation grip, etc.). The terminal line shall have
regulatory agency coverage (UL Listing, CSA
Certification). The terminal tongue shall be marked
with the wire range and manufacturer’s symbol ( ).
The vinyl-insulated, butted seam ring tongue terminal
shall be tin-plated, annealed copper, with the tongue
having a specified stud hole (size 2 thru 1/2 in.) and a
butted seam barrel covered by a molded vinyl funnel
entry sleeve, color coded and sized for a specified
(AWG) wire range (22-18, 16-14, 12-10).
Insulated terminals shall be UL Listed and CSA
Certified for 600 Volts maximum building wire: 1000
Volts maximum in signs, fixtures and luminaries and
have a maximum operating temperature of 221°F
(105°C).
WARNING
Turn power off before installing or removing terminal. All electrical
work should be done according to appropriate electrical codes.


Número de pieza similar - L-11-10-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
L-11-10 3M-L-11-10 Datasheet
38Kb / 5P
   Specialty Terminals
More results

Descripción similar - L-11-10-P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
3M Electronics
R18-6C 3M-R18-6C Datasheet
23Kb / 2P
   R10-6 thru R18-10 Ring Tongue, Non-Insulated, Butted Seam
logo
PANDUIT CORP.
DV14-188B-C PANDUIT-DV14-188B-C Datasheet
557Kb / 1P
   Vinyl insulated barrel female disconnect butted seam (.187 tab size)
D18-250B PANDUIT-D18-250B Datasheet
47Kb / 1P
   NON-INSULATED FEMALE DISCONNECT(BUTTED SEAM)
D18-188B PANDUIT-D18-188B Datasheet
51Kb / 1P
   NON-INSULATED FEMALE DISCONNECT, BUTTED SEAM
logo
List of Unclassifed Man...
FVL2216-5R2 ETC-FVL2216-5R2 Datasheet
166Kb / 1P
   Ring Terminal Vinyl Insulated
logo
Tyco Electronics
326886 MACOM-326886 Datasheet
50Kb / 1P
   TERMINAL P/I.D.G. RING TONGUE
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
8216 ETC2-8216 Datasheet
238Kb / 1P
   INSULATED RING TONGUE TERMINAL
logo
Keystone Electronics Co...
8212 KEYSTONE-8212 Datasheet
79Kb / 1P
   INSULATED RING TONGUE TERMINAL
10.19.07
logo
PANDUIT CORP.
PV8-8RX-T PANDUIT-PV8-8RX-T Datasheet
86Kb / 1P
   8 BARREL VINYL INSULATED RING TONGUE 360 9.4 MAX WIRE INSUL DIAMETER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com