Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2206IDAP Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS2206IDAP
Descripción Electrónicos  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2206IDAP Datasheet(HTML) 2 Page - Texas Instruments

  TPS2206IDAP Datasheet HTML 1Page - Texas Instruments TPS2206IDAP Datasheet HTML 2Page - Texas Instruments TPS2206IDAP Datasheet HTML 3Page - Texas Instruments TPS2206IDAP Datasheet HTML 4Page - Texas Instruments TPS2206IDAP Datasheet HTML 5Page - Texas Instruments TPS2206IDAP Datasheet HTML 6Page - Texas Instruments TPS2206IDAP Datasheet HTML 7Page - Texas Instruments TPS2206IDAP Datasheet HTML 8Page - Texas Instruments TPS2206IDAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS2206
DUALSLOT PC CARD POWERINTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS138D − MAY 1996 − REVISED JANUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TPS2206 incorporates a reset function, selectable by one of two inputs, to help alleviate system errors. The
reset function enables PC Card initialization concurrent with host platform initialization, allowing a system reset.
Reset is accomplished by grounding the VCC and Vpp (flash-memory programming voltage) outputs, which
discharges residual card voltage.
End equipment for the TPS2206 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras and bar-code scanners.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
CHIP FORM (Y)
TA
PLASTIC SMALL OUTLINE (DB)
PLASTIC SMALL OUTLINE (DF)
TSSOP (DAP)
CHIP FORM (Y)
−40
°C to 85°C
TPS2206IDB
TPS2206IDFR
TPS2206IDAPR
TPS2206Y
The DB package is available taped and reeled (add an R suffix to the device type, e.g., TPS2206IDBR). The DF and DAP packages are only
available taped and reeled, indicated by the R suffix.
typical PC card power-distribution application
PCMCIA
Controller
12 V
Power Supply
Vpp1
Vpp2
VCC
VCC
PC
Card A
TPS2206
5 V
3.3 V
OC
Serial Interface
3
Vpp1
Vpp2
VCC
VCC
PC
Card B
12V
5V
3.3V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
BVCC
AVCC
Supervisor
RESET
RESET


Número de pieza similar - TPS2206IDAP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2206IDAPR TI-TPS2206IDAPR Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Descripción similar - TPS2206IDAP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com