Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2206 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2206
Descripción Electrónicos  POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2206 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2206 Datasheet HTML 1Page - Texas Instruments TPS2206 Datasheet HTML 2Page - Texas Instruments TPS2206 Datasheet HTML 3Page - Texas Instruments TPS2206 Datasheet HTML 4Page - Texas Instruments TPS2206 Datasheet HTML 5Page - Texas Instruments TPS2206 Datasheet HTML 6Page - Texas Instruments TPS2206 Datasheet HTML 7Page - Texas Instruments TPS2206 Datasheet HTML 8Page - Texas Instruments TPS2206 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
3
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage, VI(3.3V) is required for all circuit operations. 5 V and
VI(3.3V)(1)
3
3.6
Input voltage, VI(3.3V) is required for all circuit operations. 5 V and
12 V are only required for their respective functions.
VI(5V)
3
5.5
V
12 V are only required for their respective functions.
VI(12V)
7
13.5
V
Output current, IO
IO(xVCC) at TJ = 100°C
1
A
Output current, IO
IO(xVPP) at TJ = 100°C
100
mA
Clock frequency, f(clock)
2.5
MHz
Data
200
Pulse duration, tw
Latch
250
ns
Pulse duration, tw
Clock
100
ns
Reset
100
Data-to-clock hold time, th (see Figure 2)
100
ns
Data-to-clock setup time, tsu (see Figure 2)
100
ns
Latch delay time, td(latch) (see Figure 2)
100
ns
Clock delay time, td(clock) (see Figure 2)
250
ns
Operating virtual junction temperature, TJ (maximum to be calculated at worst case PD at 85°C ambient)
−40
100
°C
(1) It is understood that for VI(3.3V)< 3 V, voltages within the absolute maximum ratings applied to pin 5 V or pin 12 V will not damage the IC.
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VI(5V) = 5 V, VI(3.3V) = 3.3 V, VI(12V) = 12 V, all outputs unloaded (unless otherwise noted)
POWER SWITCH
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
3.3V to xVCC (2)
IO = 750 mA each
85
110
3.3V to xVCC (2)
IO = 750 mA each, TJ = 100°C
110
140
m
Static drain-
5V to xVCC(2)
IO = 500 mA each
95
130
m
rDS(on)
Static drain-
source on-state
5V to xVCC(2)
IO = 500 mA each, TJ = 100°C
120
160
rDS(on)
source on-state
resistance
3.3V or 5V to xVPP(2)
IO = 50 mA each
0.8
1
resistance
3.3V or 5V to xVPP(2)
IO = 50 mA each, TJ = 100°C
1
1.3
12V to xVPP (2)
IO = 50 mA each
2
2.5
12V to xVPP (2)
IO = 50 mA each, TJ = 100°C
2.5
3.4
Output discharge
Discharge at xVCC
IO(disc) = 1 mA
0.5
0.7
1
k
Output discharge
resistance
Discharge at xVPP
IO(disc) = 1 mA
0.2
0.4
0.5
k
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
IOS
Short-circuit output current
output powered into a short
circuit
IOS(xVPP)
120
200
300
mA
IOS
Short-circuit output current
Limit (steady-state value),
output powered into a short
IOS(xVCC)
1
1.4
2
A
output powered into a short
circuit, TJ = 100°C
IOS(xVPP)
120
200
300
mA
Thermal shutdown
(2)
Thermal trip point, TJ
Rising temperature
135
°C
Thermal shutdown
temperature(2)
Hysteresis, TJ
10
°C
Current-limit response time (3)(4)
5V to xVCC = 5 V, with 100-m
Ω short to GND
10
s
Current-limit response time (3)(4)
5V to xVPP = 5 V, with 100-m
Ω short to GND
3
µs
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
(2) TPS2204A and TPS2206A: two switches on. TPS2210A: one switch on.
(3) Specified by design; not tested in production.
(4) From application of short to 110% of final current limit.


Número de pieza similar - TPS2206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2206 TI-TPS2206 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2206 TI1-TPS2206 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI1-TPS2206 Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Descripción similar - TPS2206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com