Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2216 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2216
Descripción Electrónicos  POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2216 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2216 Datasheet HTML 1Page - Texas Instruments TPS2216 Datasheet HTML 2Page - Texas Instruments TPS2216 Datasheet HTML 3Page - Texas Instruments TPS2216 Datasheet HTML 4Page - Texas Instruments TPS2216 Datasheet HTML 5Page - Texas Instruments TPS2216 Datasheet HTML 6Page - Texas Instruments TPS2216 Datasheet HTML 7Page - Texas Instruments TPS2216 Datasheet HTML 8Page - Texas Instruments TPS2216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS2204A
TPS2206A
TPS2210A
SLVS449A − DECEMBER 2002 − REVISED MAY 2003
www.ti.com
5
SWITCHING CHARACTERISTICS
VCC = 5 V, TA = 25°C, VI(3.3V) = 3.3 V, VI(5V) = 5 V, VI(12) = 12 V (not applicable for TPS2223A) all outputs unloaded (unless otherwise noted)
PARAMETER(1)
LOAD CONDITION
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
(3)
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V
0.9
tr
Output rise times(3)
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V
0.26
ms
tr
Output rise times(3)
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
1.1
ms
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA VO(xVPP) = 12 V
0.6
(3)
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
VO(xVCC) = 5 V,
Discharge switches ON
0.5
tf
Output fall times(3)
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
VO(xVPP) = 12 V,
Discharge switches ON
0.2
ms
f
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
VO(xVCC) = 5 V
2.35
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA VO(xVPP) = 12 V
3.9
Latch
↑ to xVPP (12 V)
tpdon
2
Latch
↑ to xVPP (12 V)
tpdoff
0.62
Latch
↑ to xVPP (5 V)
tpdon
0.77
Latch
↑ to xVPP (5 V)
tpdoff
0.51
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
Latch
↑ to xVPP (3.3 V)
tpdon
0.75
ms
CL(xVCC)= 0.1 µF, CL(xVPP)= 0.1 µF,
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
Latch
↑ to xVPP (3.3 V)
tpdoff
0.52
ms
IO(xVCC) = 0 A,
IO(xVPP) = 0 A
Latch
↑ to xVCC (5 V)
tpdon
0.3
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3.3V)
tpdon
0.3
tpd
Propagation delay
(3)
Latch
↑ to xVCC (3.3V)
tpdoff
2.8
tpd
Propagation delay
times(3)
Latch
↑ to xVPP (12 V)
tpdon
2.2
times
Latch
↑ to xVPP (12 V)
tpdoff
0.8
Latch
↑ to xVPP (5 V)
tpdon
0.8
Latch
↑ to xVPP (5 V)
tpdoff
0.6
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
Latch
↑ to xVPP (3.3 V)
tpdon
0.8
ms
CL(xVCC)= 150 µF, CL(xVPP)= 10 µF,
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA
Latch
↑ to xVPP (3.3 V)
tpdoff
0.6
ms
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA
Latch
↑ to xVCC (5 V)
tpdon
0.6
Latch
↑ to xVCC (5 V)
tpdoff
2.5
Latch
↑ to xVCC (3.3V)
tpdon
0.5
Latch
↑ to xVCC (3.3V)
tpdoff
2.6
(1) Refer to Parameter Measurement Information in Figure 1.
(2) No card inserted, assumes a 0.1-µF output capacitor (see Figure 1).
(3) Specified by design; not tested in production.


Número de pieza similar - TPS2216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
447Kb / 29P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI1-TPS2216 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2216

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com