Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLC0838IN Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLC0838IN
Descripción Electrónicos  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLC0838IN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC0838IN Datasheet HTML 7Page - Texas Instruments TLC0838IN Datasheet HTML 8Page - Texas Instruments TLC0838IN Datasheet HTML 9Page - Texas Instruments TLC0838IN Datasheet HTML 10Page - Texas Instruments TLC0838IN Datasheet HTML 11Page - Texas Instruments TLC0838IN Datasheet HTML 12Page - Texas Instruments TLC0838IN Datasheet HTML 13Page - Texas Instruments TLC0838IN Datasheet HTML 14Page - Texas Instruments TLC0838IN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TLC0834C, TLC0834I, TLC0838C, TLC0838I
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
SLAS094E – MARCH 1995 – REVISED OCTOBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 4
Vref – Reference Voltage – V
10
1
0.1
0.01
VI(+) = VI(–) = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
Figure 5
Vref – Reference Voltage – V
VCC = 5 V
f(CLK) = 250 kHz
TA = 25°C
5
4
3
2
1
0
0.25
0.5
0.75
1
1.25
0
1.5
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 6
TA – Free-Air Temperature – °C
Vref = 5 V
f(CLK) = 250 kHz
100
75
50
25
0
– 25
0.5
0.45
0.4
0.35
0.3
– 50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
Figure 7
f(CLK) – Clock Frequency – kHz
25
°C
85
°C
Vref = 5 V
VCC = 5 V
600
500
400
300
200
100
3
2.5
2
1.5
1
0.5
0
0
LINEARITY ERROR
vs
CLOCK FREQUENCY
–40
°C


Número de pieza similar - TLC0838IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC0838IN TI-TLC0838IN Datasheet
226Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Descripción similar - TLC0838IN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_14 Datasheet
905Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_16 Datasheet
911Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_16 Datasheet
897Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com