Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4330-B1 Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI4330-B1
Descripción Electrónicos  Si4330 ISM RECEIVER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4330-B1 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4330-B1 Datasheet HTML 7Page - Silicon Laboratories SI4330-B1 Datasheet HTML 8Page - Silicon Laboratories SI4330-B1 Datasheet HTML 9Page - Silicon Laboratories SI4330-B1 Datasheet HTML 10Page - Silicon Laboratories SI4330-B1 Datasheet HTML 11Page - Silicon Laboratories SI4330-B1 Datasheet HTML 12Page - Silicon Laboratories SI4330-B1 Datasheet HTML 13Page - Silicon Laboratories SI4330-B1 Datasheet HTML 14Page - Silicon Laboratories SI4330-B1 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
Si4330-B1
Rev 1.0
11
Table 5. Digital IO Specifications (SDO, SDI, SCLK, nSEL, and nIRQ)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rise Time
TRISE
0.1 x VDD to 0.9 x VDD, CL= 5 pF
8
ns
Fall Time
TFALL
0.9 x VDD to 0.1 x VDD, CL= 5 pF
8
ns
Input Capacitance
CIN
——
1
pF
Logic High Level Input Voltage
VIH
VDD –0.6
V
Logic Low Level Input Voltage
VIL
—0.6
V
Input Current
IIN
0<VIN< VDD
–100
100
nA
Logic High Level Output
Voltage
VOH
IOH<1 mA source, VDD=1.8 V
VDD –0.6
V
Logic Low Level Output Voltage
VOL
IOL<1 mA sink, VDD=1.8 V
0.6
V
Note: All specifications guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions"
section on page 13.
Table 6. GPIO Specifications (GPIO_0, GPIO_1, and GPIO_2)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rise Time
TRISE
0.1 x VDD to 0.9 x VDD,
CL= 10 pF, DRV<1:0>=HH
——
8
ns
Fall Time
TFALL
0.9 x VDD to 0.1 x VDD,
CL= 10 pF, DRV<1:0>=HH
——
8
ns
Input Capacitance
CIN
——
1
pF
Logic High Level Input Voltage
VIH
VDD –0.6
V
Logic Low Level Input Voltage
VIL
——
0.6
V
Input Current
IIN
0<VIN< VDD
–100
100
nA
Input Current If Pullup is Activated
IINP
VIL=0 V
5
25
µA
Maximum Output Current
IOmaxLL
DRV<1:0>=LL
0.1
0.5
0.8
mA
IOmaxLH
DRV<1:0>=LH
0.9
2.3
3.5
mA
IOmaxHL
DRV<1:0>=HL
1.5
3.1
4.8
mA
IOmaxHH
DRV<1:0>=HH
1.8
3.6
5.4
mA
Logic High Level Output Voltage
VOH
IOH< IOmax source,
VDD=1.8 V
VDD –0.6
V
Logic Low Level Output Voltage
VOL
IOL< IOmax sink,
VDD=1.8 V
——
0.6
V
Note: All specifications guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions"
section on page 13.


Número de pieza similar - SI4330-B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Vishay Siliconix
SI4330DY VISHAY-SI4330DY Datasheet
71Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4330DY VISHAY-SI4330DY Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI4330-B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RFM31B ETC2-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
HOPE Microelectronics C...
RFM31B HOPE-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
List of Unclassifed Man...
RFM65CW ETC2-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65W ETC2-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
HOPE Microelectronics C...
RFM65W HOPE-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65CW HOPE-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
List of Unclassifed Man...
RWS-F86L ETC2-RWS-F86L Datasheet
556Kb / 4P
   FM STRERO RECEIVER ISM
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com