Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5330A-A00202-GM Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI5330A-A00202-GM
Descripción Electrónicos  1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330A-A00202-GM Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI5330A-A00202-GM Datasheet HTML 6Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 7Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 8Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 9Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 10Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 11Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 12Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 13Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Si5330
10
Rev. 1.0
5. Pin Descriptions
Note: Center pad must be tied to GND for normal operation.
Table 10. Si5330 Pin Descriptions
Pin #
Pin Name
I/O
Signal Type
Description
1IN1
I
Multi
Si5330A/B/C/G/H/J Differential Input Devices.
These pins are used as the differential clock input. IN1 is
the positive input; IN2 is the negative input. Refer to
“AN408: Termination Options for Any-Frequency, Any-
Output Clock Generators and Clock Buffers—Si5338,
Si5334, Si5330” for interfacing and termination details.
Si5330F/K/L/M Single-Ended Input Devices.
These pins are not used. Leave IN1 unconnected and
IN2 connected to ground.
2
IN2
I
Multi
3IN3
I
Multi
Si5330F/K/L/M Single-Ended Devices.
This is the single-ended clock input. Refer to AN408 for
interfacing and termination details.
Si5330A/B/C/G/H/J Differential Input Devices.
This pin is not used. Connect to ground.
4RSVD_GND
Ground.
Must be connected to system ground.
5RSVD_GND
Ground.
Must be connected to system ground.
6RSVD_GND
Ground.
Must be connected to system ground.
IN3
IN2
IN1
CLK2B
CLK2A
VDDO2
VDDO1
CLK1B
CLK1A
RSVD_GND
GND
GND
RSVD_GND
RSVD_GND
24
23
22
21
20
19
7
8
9
10
11
12


Número de pieza similar - SI5330A-A00202-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5330A-A00202-GM SILABS-SI5330A-A00202-GM Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Si5330A-A00202-GM SILABS-Si5330A-A00202-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Descripción similar - SI5330A-A00202-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com