Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5330A-A00202-GM Datasheet(PDF) 11 Page - Silicon Laboratories

No. de pieza SI5330A-A00202-GM
Descripción Electrónicos  1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330A-A00202-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI5330A-A00202-GM Datasheet HTML 7Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 8Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 9Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 10Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 11Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 12Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 13Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 14Page - Silicon Laboratories SI5330A-A00202-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si5330
Rev. 1.0
11
7
VDD
VDD
Supply
Core Supply Voltage.
The device operates from a 1.8, 2.5, or 3.3 V supply. A
0.1 µF bypass capacitor should be located very close to
this pin.
8
LOS
O
Open Drain
Loss of Signal Indicator.
0 = CLKIN present.
1 = Loss of signal (LOS).
This pin requires an external
1kpull-up resistor.
9
CLK3B
O
Multi
Si5330A/B/C/K/L/M Differential Output Devices.
This is the negative side of the differential CLK3 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Output Devices.
This is one of the single-ended CLK3 outputs. Both
CLK3A and CLK3B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
10
CLK3A
O
Multi
Si5330A/B/C/K/L/M Differential Devices.
This is the positive side of the differential CLK3 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Devices.
This is one of the single-ended CLK3 outputs. Both
CLK3A and CLK3B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
11
VDDO3
VDD
Supply
Output Clock Supply Voltage.
Supply voltage for CLK3A/B. Use a 0.1 µF bypass cap
as close as possible to this pin. If CLK3 is not used, this
pin must be tied to VDD (pin 7 and/or pin 24).
12
RSVD_GND
Ground.
Must be connected to system ground.
13
CLK2B
O
Multi
Si5330A/B/C/K/L/M Differential Output Devices.
This is the negative side of the differential CLK2 output.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not in use.
Si5330F/G/H/J Single-Ended Output Devices.
This is one of the single-ended CLK2 outputs. Both
CLK2A and CLK2B single-ended outputs are in phase.
Refer to AN408 for interfacing and termination details.
Leave unconnected when not is use.
Table 10. Si5330 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Type
Description


Número de pieza similar - SI5330A-A00202-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI5330A-A00202-GM SILABS-SI5330A-A00202-GM Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Si5330A-A00202-GM SILABS-Si5330A-A00202-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Descripción similar - SI5330A-A00202-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com