Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI8442AB-D-IS1 Datasheet(PDF) 10 Page - Silicon Laboratories

No. de pieza SI8442AB-D-IS1
Descripción Electrónicos  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8442AB-D-IS1 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI8442AB-D-IS1 Datasheet HTML 6Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 7Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 8Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 9Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 10Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 11Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 12Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 13Page - Silicon Laboratories SI8442AB-D-IS1 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Si8440/41/42/45
10
Rev. 1.5
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8440Bx, Si8445Bx
VDD1
VDD2
3.6
4.0
5.4
5.6
mA
Si8441Bx
VDD1
VDD2
3.7
4.1
5.5
5.7
mA
Si8442Bx
VDD1
VDD2
4.2
4.2
5.9
5.9
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8440Bx, Si8445Bx
VDD1
VDD2
3.6
14
5.5
17.5
mA
Si8441Bx
VDD1
VDD2
6.4
11.4
8.0
14.5
mA
Si8442Bx
VDD1
VDD2
8.6
8.6
10.8
10.8
mA
Timing Characteristics
Si844xAx
Maximum Data Rate
0
1.0
Mbps
Minimum Pulse Width
250
ns
Propagation Delay
tPHL,tPLH
See Figure 2
35
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
25
ns
Propagation Delay Skew2
tPSK(P-P)
40
ns
Channel-Channel Skew
tPSK
35
ns
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 ºC; applies to narrow and wide-body SOIC packages)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 25 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Número de pieza similar - SI8442AB-D-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8442 SILABS-SI8442 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
SI8442 SILABS-SI8442 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8442 ETC2-SI8442 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8442-A-IS SILABS-SI8442-A-IS Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
SI8442-B-IS SILABS-SI8442-B-IS Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
More results

Descripción similar - SI8442AB-D-IS1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com