Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM336Z-5.0 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM336Z-5.0
Descripción Electrónicos  Adjustable 4V to 6V, Low Temperature Coefficient
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM336Z-5.0 Datasheet(HTML) 4 Page - Texas Instruments

  LM336Z-5.0 Datasheet HTML 1Page - Texas Instruments LM336Z-5.0 Datasheet HTML 2Page - Texas Instruments LM336Z-5.0 Datasheet HTML 3Page - Texas Instruments LM336Z-5.0 Datasheet HTML 4Page - Texas Instruments LM336Z-5.0 Datasheet HTML 5Page - Texas Instruments LM336Z-5.0 Datasheet HTML 6Page - Texas Instruments LM336Z-5.0 Datasheet HTML 7Page - Texas Instruments LM336Z-5.0 Datasheet HTML 8Page - Texas Instruments LM336Z-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LM136-5.0, LM236-5.0, LM336-5.0
SNVS750D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
(1)
LM136A-5.0/LM236A-5.0
LM336B-5.0
Parameter
Conditions
LM136-5.0/LM236-5.0
LM336-5.0
Units
Min
Typ
Max
Min
Typ
Max
−25°C≤TA≤+85°C (LM236-5.0)
7
18
mV
−55°C≤TA≤+125°C (LM136-5.0)
20
36
mV
Reverse Breakdown
600
μA≤IR≤10 mA
6
17
6
24
mV
Change
With Current
Adjustment Range
Circuit of Figure 14
±1
±1
V
Reverse Dynamic
IR = 1 mA
0.8
1.6
0.8
2.5
Ω
Impedance
Long Term Stability
TA=25°C±0.1°C, IR=1 mA, t = 1000 hrs
20
20
ppm
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM136-5.0 LM236-5.0 LM336-5.0


Número de pieza similar - LM336Z-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM336Z-5.0 NSC-LM336Z-5.0 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM336Z-5.0 NSC-LM336Z-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM336Z-5.0/NOPB TI-LM336Z-5.0/NOPB Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
More results

Descripción similar - LM336Z-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TT Electronics.
LRK TTELEC-LRK Datasheet
144Kb / 2P
   Low temperature coefficient
logo
Murata Manufacturing Co...
GRM0115C1E6R6BE01 MURATA-GRM0115C1E6R6BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0115C1E6R8BE01 MURATA-GRM0115C1E6R8BE01 Datasheet
48Kb / 1P
   Temperature coefficient
GRM0222C1CR75BD05 MURATA-GRM0222C1CR75BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR80WD05 MURATA-GRM0222C1CR80WD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1CR82BD05 MURATA-GRM0222C1CR82BD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0222C1E1R0BDAE MURATA-GRM0222C1E1R0BDAE Datasheet
50Kb / 1P
   Temperature coefficient
GRM0222C1E1R0CDAE MURATA-GRM0222C1E1R0CDAE Datasheet
50Kb / 1P
   Temperature coefficient
GRM0225C1CR27WD05 MURATA-GRM0225C1CR27WD05 Datasheet
49Kb / 1P
   Temperature coefficient
GRM0225C1E6R7WDAE MURATA-GRM0225C1E6R7WDAE Datasheet
50Kb / 1P
   Temperature coefficient
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com