Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5668BRUZ-2REEL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5668BRUZ-2REEL7
Descripción Electrónicos  Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5668BRUZ-2REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5668BRUZ-2REEL7 Datasheet HTML 5Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 6Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 7Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 8Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 9Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 10Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 11Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 12Page - Analog Devices AD5668BRUZ-2REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5628/AD5648/AD5668
Rev. G | Page 9 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
AD5628/
AD5648/
VDD
VOUTA
VOUTC
VREFIN/VREFOUT
VOUTG
VOUTE
14
13
12
11
10
9
8
DIN
GND
VOUTB
VOUTH
VOUTF
VOUTD
SCLK
TOP VIEW
(Not to Scale)
SYNC
Figure 3. 14-Lead TSSOP (RU-14)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SYNC
VDD
VOUTA
VOUTG
VOUTE
VOUTC
LDAC
DIN
GND
VOUTB
VOUTH
VREFIN/VREFOUT
CLR
VOUTF
VOUTD
SCLK
AD5628/
AD5648/
AD5668
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead TSSOP (RU-16)
12
11
10
1
3
4
GND
VOUTB
VOUTD
9
VOUTF
VDD
VOUTC
2
VOUTA
VOUTE
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD MUST BE TIED TO GND.
AD5628/AD5668
Figure 5. 16-Lead LFCSP(CP-16-17)
Table 6. Pin Function Descriptions
Pin No.
14-Lead
TSSOP
16-Lead
TSSOP
16-Lead
LFCSP
Mnemonic
Description
N/A
1
15
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers
have new data. This allows all DAC outputs to simultaneously update. Alternatively, this
pin can be tied permanently low.
1
2
16
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data.
When SYNC goes low, it powers on the SCLK and DIN buffers and enables the input shift
register. Data is transferred in on the falling edges of the next 32 clocks. If SYNC is taken
high before the 32nd falling edge, the rising edge of SYNC acts as an interrupt and the
write sequence is ignored by the device.
2
3
1
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply
should be decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
3
4
2
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
11
13
11
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
5
3
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
10
12
10
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7
8
6
VREFIN/
VREFOUT
The AD5628/AD5648/AD5668 have a common pin for reference input and reference
output. When using the internal reference, this is the reference output pin. When using
an external reference, this is the reference input pin. The default for this pin is as a
reference input.
N/A
9
7
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all
LDAC pulses are ignored. When CLR is activated, the input register and the DAC register
are updated with the data contained in the CLR code register—zero, midscale, or full
scale. Default setting clears the output to 0 V.
5
6
4
VOUTE
Analog Output Voltage from DAC E. The output amplifier has rail-to-rail operation.
9
11
9
VOUTF
Analog Output Voltage from DAC F. The output amplifier has rail-to-rail operation.
6
7
5
VOUTG
Analog Output Voltage from DAC G. The output amplifier has rail-to-rail operation.
8
10
8
VOUTH
Analog Output Voltage from DAC H. The output amplifier has rail-to-rail operation.
12
14
12
GND
Ground Reference Point for All Circuitry on the Part.
13
15
13
DIN
Serial Data Input. This device has a 32-bit shift register. Data is clocked into the register
on the falling edge of the serial clock input.
14
16
14
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the
serial clock input. Data can be transferred at rates of up to 50 MHz.
EPAD
EPAD
It is recommended that the exposed paddle be soldered to the ground plane.


Número de pieza similar - AD5668BRUZ-2REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5668BRUZ-1 AD-AD5668BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results

Descripción similar - AD5668BRUZ-2REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com