Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-3550-L0000 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-3550-L0000
Descripción Electrónicos  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3550-L0000 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-3550-L0000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-3550-L0000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 1. Relative intensity vs. wavelength.
Red, Yellow, and Green
Figure 4. Relative luminous intensity vs. forward current.
Figure 5. Relative efficiency (luminous intensity
per unit current) vs. peak current.
Figure 2. Maximum tolerable peak current vs. pulse duration.
(IDC MAX as per MAX ratings).
Figure 3. Forward current vs. forward voltage.
HIGH EFFICIENCY RED
WAVELENGTH – nm
1.0
0.5
0
0
0
7
0
5
6
0
0
6
0
5
5
0
0
5
YELLOW
EMERALD GREEN
GREEN
T = 25° C
A


Número de pieza similar - HLMP-3550-L0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-3553 HP-HLMP-3553 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
HLMP-3554 HP-HLMP-3554 Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3554 AVAGO-HLMP-3554 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-355X HP-HLMP-355X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-355X-0000 BOARDCOM-HLMP-355X-0000 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Descripción similar - HLMP-3550-L0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com