Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSTUD32450G Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FSTUD32450G
Descripción Electrónicos  Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD32450G Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSTUD32450G Datasheet HTML 3Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 4Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 5Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 6Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 7Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 8Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 9Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 10Page - Fairchild Semiconductor FSTUD32450G Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
www.fairchildsemi.com
Truth Tables (Continued)
4-Bit Configuration (S0 = S1 = H)
Inputs
Inputs/Outputs
OE1
OE2
OE3
OE4
OE5
1A1-4, 1B1-4
1A5-8, 1B5-8
2A3-6, 2B3-6
2A7-10, 2B7-10
1A9-10, 2B9-10
2A1-2, 2B1-2
LLL
LL
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LLL
L
H
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
Z
LLL
H
L
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
LLL
H
H
1Ax = 1Bx
1Ay = 1By
2Ax = 2Bx
ZZ
LL
H
L
L
1Ax = 1Bx
1Ay = 1By
Z2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LL
H
L
H
1Ax = 1Bx
1Ay = 1By
Z2Ay = 2By
Z
LL
H
H
L
1Ax = 1Bx
1Ay = 1By
ZZ
1Az = 1Bz
2Az = 2Bz
LL
H
H
H
1Ax = 1Bx
1Ay = 1By
ZZZ
LH
L
L
L
1Ax = 1Bx
Z2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LH
L
L
H
1Ax = 1Bx
Z2Ax = 2Bx
2Ay = 2By
Z
LH
LH
L
1Ax = 1Bx
Z2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
LH
LH
H
1Ax = 1Bx
Z2Ax = 2Bx
ZZ
LH
H
L
L
1Ax = 1Bx
ZZ
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
LH
H
L
H
1Ax = 1Bx
ZZ
2Ay = 2By
Z
L
HHH
L
1Ax = 1Bx
ZZ
Z
1Az = 1Bz
2Az = 2Bz
L
HHH
H
1Ax = 1Bx
Z
ZZZ
HL
L
L
L
Z
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HL
L
L
H
Z
1Ay = 1By
2Ax = 2Bx
2Ay = 2By
Z
HL
L
H
L
Z
1Ay = 1By
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
HL
L
H
H
Z
1Ay = 1By
2Ax = 2Bx
ZZ
HL
H
L
L
Z
1Ay = 1By
Z2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HL
H
L
H
Z
1Ay = 1By
Z2Ay = 2By
Z
HL
H
H
L
Z
1Ay = 1By
ZZ
1Az = 1Bz
2Az = 2Bz
HL
H
H
H
Z
1Ay = 1By
ZZZ
HH
L
L
L
Z
Z
2Ax = 2Bx
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HH
L
L
H
Z
Z
2Ax = 2Bx
2Ay = 2By
Z
HH
L
H
L
Z
Z
2Ax = 2Bx
Z
1Az = 1Bz
2Az = 2Bz
HH
L
H
H
Z
Z
2Ax = 2Bx
ZZ
HHH
L
L
Z
Z
Z
2Ay = 2By
1Az = 1Bz
2Az = 2Bz
HHH
L
H
Z
Z
Z
2Ay = 2By
Z
HHHH
L
Z
Z
Z
Z
1Az = 1Bz
2Az = 2Bz
HHHH
H
Z
Z
Z
Z
Z


Número de pieza similar - FSTUD32450G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450G FAIRCHILD-FSTUD32450G Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
FSTUD32450GX FAIRCHILD-FSTUD32450GX Datasheet
496Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch
More results

Descripción similar - FSTUD32450G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSTUD32450 FAIRCHILD-FSTUD32450_06 Datasheet
494Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTUD162450 FAIRCHILD-FSTUD162450 Datasheet
561Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting and 25??Series Resistors in Outputs
FSTD32450 FAIRCHILD-FSTD32450 Datasheet
470Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with Selectable Level Shifting (Preliminary)
FSTD16450 FAIRCHILD-FSTD16450 Datasheet
410Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with Selectable Level Shifting
FSTU3125 FAIRCHILD-FSTU3125 Datasheet
136Kb / 7P
   4-Bit Bus Switch with -2V Undershoot Protection
FSTUD16211 FAIRCHILD-FSTUD16211_06 Datasheet
309Kb / 8P
   24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com