Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSL1112RA-470K2R1-PF Datasheet(PDF) 2 Page - TDK Electronics

No. de pieza TSL1112RA-470K2R1-PF
Descripción Electrónicos  Inductors For Power Line Radial
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

TSL1112RA-470K2R1-PF Datasheet(HTML) 2 Page - TDK Electronics

  TSL1112RA-470K2R1-PF Datasheet HTML 1Page - TDK Electronics TSL1112RA-470K2R1-PF Datasheet HTML 2Page - TDK Electronics TSL1112RA-470K2R1-PF Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• All specifications are subject to change without notice.
(2/3)
002-05 / 20050831 / e532_tsl1112.fm
Inductors
TSL Series TSL1112 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
1 Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
2
: Please specify packaging style, S(Bulk) or RA(Taping).
Inductance
(µH)
Inductance
tolerance
Q
min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
)max.
Rated current (A)1max.
Part No.
Based on inductance
change
Based on
temperature rise
1.0
±20%
15
1k/7.96M
144
0.058
14
7.7
TSL1112 2-1R0M7R7-PF
2.2
±20%
15
1k/7.96M
70
0.073
10
6.7
TSL1112 -2R2M6R7-PF
3.3
±20%
10
1k/7.96M
36
0.01
8.8
5.9
TSL1112 -3R3M5R9-PF
4.7
±20%
10
1k/7.96M
28
0.015
7.2
4.8
TSL1112 -4R7M4R8-PF
6.8
±20%
10
1k/7.96M
18
0.016
6.1
4.6
TSL1112 -6R8M4R6-PF
10
±20%
20
1k/2.52M
16
0.025
5
3.7
TSL1112 -100M3R7-PF
15
±20%
20
1k/2.52M
12
0.029
4.2
3.4
TSL1112 -150M3R4-PF
22
±10%
20
1k/2.52M
9.5
0.04
3.4
2.9
TSL1112 -220K2R9-PF
33
±10%
30
1k/2.52M
7
0.062
2.8
2.3
TSL1112 -330K2R3-PF
47
±10%
30
1k/2.52M
5.8
0.075
2.3
2.1
TSL1112 -470K2R1-PF
68
±10%
20
1k/2.52M
4.7
0.13
1.9
1.6
TSL1112 -680K1R6-PF
100
±10%
20
1k/796k
3.8
0.16
1.6
1.4
TSL1112 -101K1R4-PF
150
±10%
20
1k/796k
3.1
0.26
1.3
1.1
TSL1112 -151K1R1-PF
220
±10%
20
1k/796k
2.5
0.33
1.1
1
TSL1112 -221K1R0-PF
330
±10%
20
1k/796k
2
0.52
0.88
0.82
TSL1112 -331KR82-PF
470
±10%
10
1k/796k
1.6
0.66
0.75
0.72
TSL1112 -471KR72-PF
680
±10%
10
1k/796k
1.3
1.1
0.61
0.56
TSL1112 -681KR56-PF
1000
±5%
20
1k/252k
1.1
1.4
0.51
0.5
TSL1112 -102JR50-PF
1500
±5%
30
1k/252k
0.82
2.4
0.43
0.38
TSL1112 -152JR38-PF
2200
±5%
20
1k/252k
0.76
3.2
0.35
0.33
TSL1112 -222JR33-PF
3300
±5%
30
1k/252k
0.64
4.9
0.28
0.26
TSL1112 -332JR26-PF
4700
±5%
30
1k/252k
0.54
7.6
0.24
0.21
TSL1112 -472JR21-PF
6800
±5%
30
1k/252k
0.45
9.8
0.2
0.18
TSL1112 -682JR18-PF
10000
±5%
30
1k/79.6k
0.38
18
0.17
0.14
TSL1112 -103JR14-PF
15000
±5%
50
1k/79.6k
0.29
24
0.13
0.12
TSL1112 -153JR12-PF
5+1, – 0.5
ø0.65
±0.05
Weight: 3.3g
Dimensions in mm


Número de pieza similar - TSL1112RA-470K2R1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL1112RA-220K2R9-PF TDK-TSL1112RA-220K2R9-PF Datasheet
41Kb / 3P
   Televisions, VCRs, personal computers, and other electronic equipments.
More results

Descripción similar - TSL1112RA-470K2R1-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
   Inductors For Power Line Radial
logo
TDK Electronics
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com