Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7307TRPBF Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF7307TRPBF
Descripción Electrónicos  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7307TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF7307TRPBF Datasheet HTML 2Page - International Rectifier IRF7307TRPBF Datasheet HTML 3Page - International Rectifier IRF7307TRPBF Datasheet HTML 4Page - International Rectifier IRF7307TRPBF Datasheet HTML 5Page - International Rectifier IRF7307TRPBF Datasheet HTML 6Page - International Rectifier IRF7307TRPBF Datasheet HTML 7Page - International Rectifier IRF7307TRPBF Datasheet HTML 8Page - International Rectifier IRF7307TRPBF Datasheet HTML 9Page - International Rectifier IRF7307TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7307PbF
25
50
75
100
125
150
0.0
1.0
2.0
3.0
4.0
5.0
T , Case Temperature
( C)
°
C
1
10
100
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
-V
, Drain-to-Source Voltage (V)
DS
1ms
10ms
Fig 18. Typical Source-Drain Diode
Forward Voltage
Fig 19. Maximum Safe Operating Area
Fig 22a. Gate Charge Test Circuit
Fig 20. Maximum Drain Current Vs.
Ambient Temperature
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 21b. Switching Time Waveforms
Fig 21a. Switching Time Test Circuit
QG
QGS
QGD
VG
Charge
Fig 22b. Basic Gate Charge Waveform
RG
VGS
VDS
RD
VDD
-4.5V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-4.5V
0.1
1
10
100
0.3
0.6
0.9
1.2
1.5
T = 25°C
T = 150°C
J
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
P-Channel


Número de pieza similar - IRF7307TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
IRF7307TR UMW-IRF7307TR Datasheet
491Kb / 9P
   Generation V Technology Ultra
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com