Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-1600 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-1600
Descripción Electrónicos  T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1600 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1600 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Selection Guide
Color
Package Description
Package
Outline
2
q1/2[1]
Operating
Voltage (V)
Part Number
HLMP-
Luminous Intensity
Iv (mcd)
Min.
Max.
Red
T-1 Tinted Diffused
A
60
5
1600
2.1
-
1600-D00xx
2.1
-
60
12
1601
2.1
-
1601-D00xx
2.1
-
1601-GH0xx
8.6
27.6
T-1 3/4 Tinted Diffused
B
60
5
3600
2.1
-
3600-D00xx
2.1
-
60
12
3601
2.1
-
3601-D00xx
2.1
-
Yellow
T-1 Tinted Diffused
A
60
5
1620
2.2
-
1620-C00xx
2.2
-
1620-C0Bxx
2.2
-
1620-EFBxx
3.4
10.8
60
12
1621
2.2
-
1621-C00xx
2.2
-
T-1 3/4 Tinted Diffused
B
60
5
3650
2.2
-
3650-C00xx
2.2
-
60
12
3651
2.2
-
3651-C00xx
2.2
-
Green
T-1 Tinted Diffused
A
60
5
1640
1.6
-
1640-B00xx
1.6
-
1640-B0Dxx
1.6
-
1640-DE0xx
4.2
13.4
60
12
1641
1.6
-
1641-B00xx
1.6
T-1 3/4 Tinted Diffused
B
60
5
3680
1.6
-
3680-B00xx
1.6
-
60
12
3681
1.6
-
3681-B00xx
1.6
-
Note:
1.
q1/2 is the off-axis angle at which the luminous intensity is 1/2 the axial luminous intensity.


Número de pieza similar - HLMP-1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1600OB00 HP-HLMP-1600OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1600OB01 HP-HLMP-1600OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

Descripción similar - HLMP-1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Chicago Miniature Lamp,...
4302H-5V CML-4302H-5V Datasheet
24Kb / 1P
   12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com