Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-1600 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-1600
Descripción Electrónicos  T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1600 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1600 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 6. Relative luminous intensity vs. angular displacement for T-13/4
package.
Figure 5. Relative luminous intensity vs. angular displacement for T-1
package.
Figure 1. Forward current vs. applied forward voltage. 5 volt devices.
Figure 2. Forward current vs. applied forward voltage. 12 volt devices.
Figure 4. Maximum allowed applied forward voltage vs.
ambient temperature R
qJA = 175°C/W. 12 volt devices.
Figure 3. Maximum allowed applied forward voltage vs.
ambient temperature R
qJA = 175°C/W. 5 volt devices.
0
0
VCC – APPLIED FORWARD VOLTAGE – V
16
12
4
7.5
26
81014
24
20
16
12
8
4
15
0
0
VCC – APPLIED FORWARD VOLTAGE – V
16
12
4
7.5
26
81014
24
20
16
12
8
4
15
0
0
TA – AMBIENT TEMPERATURE – °C
85
20
40
60
80
7.5
8
6
4
2
0
0
TA – AMBIENT TEMPERATURE – °C
85
20
40
60
80
15
16
12
8
4
10
°
100
°
40
°
70
°
20
°
60
°
80
°
30
°
50
°
90
°
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
1.0
0.6
0.8
0.2
0.4
10
°
100
°
40
°
70
°
20
°
60
°
30
°
50
°
0
°
10
°
20
°
30
°
40
°
50
°
60
°
70
°
80
°
90
°
1.0
0.6
0.8
0.2
0.4
80
° 90°


Número de pieza similar - HLMP-1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1600OB00 HP-HLMP-1600OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1600OB01 HP-HLMP-1600OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results

Descripción similar - HLMP-1600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Chicago Miniature Lamp,...
4302H-5V CML-4302H-5V Datasheet
24Kb / 1P
   12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com