Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-C608 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-C608
Descripción Electrónicos  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C608 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C608 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C608 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
HLMP-Cx27
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.00)
MIN.
NOM.
5.08 (0.200)
4.57 (0.100)
13.55 (0.533)
13.35 (0.525)
0.89 (0.035)
0.64 (0.023)
9.19 (0.362)
8.43 (0.332)
1.32 (0.052)
1.02 (0.040)
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.00)
MIN.
NOM.
5.08 (0.200)
4.57 (0.100)
0.89 (0.035)
0.64 (0.023)
9.19 (0.362)
8.43 (0.332)
1.02 (0.004)
MAX. TYP.
1.00 (0.040) MAX. EPOXY MENISCUS
1.00 (0.040) MAX. EPOXY MENISCUS
HLMP-Cx25
HLMP-C610
HLMP-Cx08
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.000)
MIN.
NOM.
5.21 (0.205)
4.70 (0.105)
13.50 (0.53)
13.30 (0.52)
1.07 (0.042)
0.56 (0.022)
9.14 (0.360)
8.36 (0.330)
1.32 (0.052)
1.02 (0.040)
6.10 (0.240)
5.46 (0.215)
1.27
(0.050)
NOM.
2.54
(0.100)
0.45
(0.018)
SQ. NOM.
CATHODE
LEAD
25.40
(1.000)
MIN.
NOM.
5.21 (0.205)
4.70 (0.105)
1.07 (0.042)
0.56 (0.022)
9.14 (0.360)
8.36 (0.330)
1.02 (0.004)
MAX. TYP.
1.00 (0.040) MAX. EPOXY MENISCUS
1.00 (0.040) MAX. EPOXY MENISCUS


Número de pieza similar - HLMP-C608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-C608 HP-HLMP-C608 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C608-R0000 HP-HLMP-C608-R0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
More results

Descripción similar - HLMP-C608

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com