Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-C027 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-C027
Descripción Electrónicos  T-13/4 (5 mm) AlInGaP Lamps Popular 5 mm diameter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C027 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-C027 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C027 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Optical/Electrical Characteristics at TA=25°C
Test
Symbol
Parameter
Device
Min.
Typ.[3]
Max.
Units
Conditions
2
1/2
Included Angle Between Half
HLMP-C008
8
Deg.
IF = 20 mA
Luminous Intensity Points[1]
HLMP-C208
8
See Note 1
HLMP-C608
8
HLMP-C025
25
HLMP-C225
25
HLMP-C325
25
HLMP-C625
25
HLMP-C610
8
HLMP-C027
25
HLMP-C627
25
d
Dominant Wavelength[2]
HLMP-C008
626
nm
See Note 2
HLMP-C208
590
HLMP-C608
635
HLMP-C025
626
HLMP-C225
590
HLMP-C325
605
HLMP-C625
635
HLMP-C610
635
HLMP-C027
626
HLMP-C627
635
PEAK
Peak Wavelength
HLMP-C008
635
nm
Measurement at Peak
HLMP-C208
594
HLMP-C608
650
HLMP-C025
635
HLMP-C225
594
HLMP-C325
611
HLMP-C625
650
HLMP-C610
650
HLMP-C027
635
HLMP-C627
650
1/2
Spectral Line Halfwidth
17
nm
s
Speed of Response
20
ns
C
Capacitance
40
pF
VF = 0; f = 1 MHz
R
J-PIN
Thermal Resistance
260
°C/W
Junction to Cathode Lead
VF
Forward Voltage
HLMP-C008
1.9
2.4
V
IF = 20 mA
HLMP-C208
1.9
2.6
HLMP-C608
1.9
2.2
HLMP-C025
1.9
2.4
HLMP-C225
1.9
2.6
HLMP-C625
1.9
2.2
HLMP-C610
1.9
2.2
HLMP-C027
1.9
2.4
HLMP-C627
1.9
2.2
VR
Reverse Breakdown Voltage
5.0
V
IR = 100 μA
Notes:
1.
1/2 is the off-axis angle at which the luminous intensity is half of the axial luminous intensity.
2. The dominant wavelength,
d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Typical specification for reference only. Do not exceed absolute maximum ratings.


Número de pieza similar - HLMP-C027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMP-C025 HP-HLMP-C025 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
HLMP-C025-P0000 HP-HLMP-C025-P0000 Datasheet
95Kb / 8P
   AlInGaP LED LAMP
More results

Descripción similar - HLMP-C027

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-335X HP-HLMP-335X Datasheet
186Kb / 7P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com