Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS3310 Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

No. de pieza TS3310
Descripción Electrónicos  A True 150-nA IQ, 0.9-3.6VIN, Selectable 1.8-5VOUT Instant-OnTM Boost Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3310 Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS3310 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3310 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TS3310
Page 2
TS3310DS r1p1
RTFDS
ABSOLUTE MAXIMUM RATINGS
IN to GND................................................................. -0.3V to +6.0V
STORE to GND ........................................................ -0.3V to +6.0V
OUT to GND............................................................. -0.3V to +6.0V
LSW to GND............................................................. -0.3V to +6.0V
OUT_ON, S0, S1, S2 to GND................................... -0.3V to +6.0V
VGOOD to GND ....................................................... -0.3V to +6.0V
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN22EP (Derate at 13.48mW/°C above +70°C) 1078mW
Operating Temperature Range................................ -40°C to +85°C
Junction Temperature ......................................................... +150°C
Storage Temperature Range................................. -65°C to +150°C
Lead Temperature (Soldering, 10s) ..................................... +300°C
Electrical and thermal s
tresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER
QUANTITY
TS3310ITD1022T
AAW
TAPE
& REEL
-----
TS3310ITD1022TP
TAPE
& REEL
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Número de pieza similar - TS3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
TS3310 SILABS-TS3310 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
TS3310ITD1022 SILABS-TS3310ITD1022 Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
TS3310ITD1022T SILABS-TS3310ITD1022T Datasheet
8Mb / 20P
   User-enabled Secondary Output Load Switch
More results

Descripción similar - TS3310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE707C ACE-ACE707C Datasheet
401Kb / 9P
   0.9 V startup, 1MHz, 300mA Iout, Low Iq, Synchronous Boost Converter
VER 1.1
logo
Texas Instruments
TPS63900 TI-TPS63900_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
TPS63901 TI-TPS63901 Datasheet
2Mb / 35P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-boost Converter with Input Current Limit and DVS
DECEMBER 2021
TPS62840 TI1-TPS62840 Datasheet
17Mb / 31P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS63901 TI-TPS63901_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPS63901 1.8-V to 5.5-V, 75-nA IQ Buck-Boost Converter with Input Current Limit and DVS in a WCSP Package
REVISED JUNE 2022
logo
Maxim Integrated Produc...
MAX8627 MAXIM-MAX8627 Datasheet
260Kb / 14P
   Low VBATT, 20uA IQ, 1MHz Synchronous Boost Converter with True Shutdown
Rev 0; 3/06
logo
Texas Instruments
TPS62840 TI1-TPS62840_V01 Datasheet
18Mb / 34P
[Old version datasheet]   1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V02 Datasheet
3Mb / 41P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS62840 TI1-TPS62840_V03 Datasheet
3Mb / 45P
[Old version datasheet]   TPS62840 1.8-V to 6.5-V, 750-mA, 60-nA IQ Step-Down Converter
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com