Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FQPF9N90C Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FQPF9N90C Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page Electrical Characteristics TC = 25°C unless otherwise noted Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 21 mH, IAS = 9A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C 3. ISD ≤ 9.0A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C 4. Pulse Test : Pulse width ≤ 300µs, Duty cycle ≤ 2% 5. Essentially independent of operating temperature Symbol Parameter Test Conditions Min Typ Max Unit Off Characteristics BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 µA 900 -- -- V ∆BV DSS / ∆T J Breakdown Voltage Temperature Coefficient ID = 250 µA, Referenced to 25°C -- 0.99 -- V/°C IDSS Zero Gate Voltage Drain Current VDS = 900 V, VGS = 0 V -- -- 10 µA VDS = 720 V, TC = 125°C -- -- 10 µA IGSSF Gate-Body Leakage Current, Forward VGS = 30 V, VDS = 0 V -- -- 100 nA IGSSR Gate-Body Leakage Current, Reverse VGS = -30 V, VDS = 0 V -- -- -100 nA On Characteristics VGS(th) Gate Threshold Voltage VDS = VGS, ID = 250 µA 3.0 -- 5.0 V RDS(on) Static Drain-Source On-Resistance VGS = 10 V, ID = 4 A -- 1.12 1.4 Ω gFS Forward Transconductance VDS = 40 V, ID = 4 A (Note 4) -- 9.2 -- S Dynamic Characteristics Ciss Input Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz -- 2100 2730 pF Coss Output Capacitance -- 175 230 pF Crss Reverse Transfer Capacitance -- 14 18 pF Switching Characteristics td(on) Turn-On Delay Time VDD = 450 V, ID = 9.0A, RG = 25 Ω (Note 4, 5) -- 50 110 ns tr Turn-On Rise Time -- 120 250 ns td(off) Turn-Off Delay Time -- 100 210 ns tf Turn-Off Fall Time -- 75 160 ns Qg Total Gate Charge VDS = 720 V, ID = 9.0A, VGS = 10 V (Note 4, 5) -- 45 58 nC Qgs Gate-Source Charge -- 13 -- nC Qgd Gate-Drain Charge -- 18 -- nC Drain-Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain-Source Diode Forward Current -- -- 8.0 A ISM Maximum Pulsed Drain-Source Diode Forward Current -- -- 32.0 A VSD Drain-Source Diode Forward Voltage VGS = 0 V, IS = 8 A -- -- 1.4 V trr Reverse Recovery Time VGS = 0 V, IS = 9 A, dIF / dt = 100 A/µs (Note 4) -- 550 -- ns Qrr Reverse Recovery Charge -- 6.5 -- µC ©2003 Fairchild Semiconductor Corporation FQP9N90C / FQPF9N90C Rev. C0 www.fairchildsemi.com |
Número de pieza similar - FQPF9N90C |
|
Descripción similar - FQPF9N90C |