Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVX3245MTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza 74LVX3245MTCX
Descripción Electrónicos  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245MTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74LVX3245MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCCA, VCCB)
−0.5V to +7.0V
DC Input Voltage (VI) @ OE, T/R
−0.5V to VCCA + 0.5V
DC Input/Output Voltage (VI/O)
@ An
−0.5V to VCCA + 0.5V
@ Bn
−0.5V to VCCB + 0.5V
DC Input Diode Current (IIN)
@ OE, T/R
±20 mA
DC Output Diode Current (IOK)
±50 mA
DC Output Source or
Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
and Max Current @ ICCA
±100 mA
@ ICCB
±200 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Maximum Junction Temperature
Under Bias (TJ)
+150°C
Recommended Operating
Conditions (Note 2)
Supply Voltage
VCCA
2.7V to 3.6V
VCCB
4.5V to 5.5V
Input Voltage (VI) @ OE, T/R
0V to VCCA
Input/Output Voltage (VI/O)
@ An
0V to VCCA
@ Bn
0V to VCCB
Free Air Operating Temperature (TA)
−40°C to
+85°C
Minimum Input Edge Rate (
Δt/ΔV)
8 ns/V
VIN from 30% to 70% of VCC
VCC @ 3.0V, 4.5V, 5.5V
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused Pins (inputs and I/Os) must be held HIGH or LOW. They
may not float.
DC Electrical Characteristics
Symbol
Parameter
VCCA
VCCB
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
(V)
Typ
Guaranteed Limits
VIHA
Minimum HIGH Level
An, T/R,
3.6
5.0
2.0
2.0
V
Input Voltage
OE
2.7
5.0
2.0
2.0
VOUT ≤ 0.1V or
VIHB
Bn
3.3
4.5
2.0
2.0
≥ VCC − 0.1V
3.3
5.5
2.0
2.0
VILA
Maximum LOW Level
An, T/R,
3.6
5.0
0.8
0.8
V
Input Voltage
OE
2.7
5.0
0.8
0.8
VOUT ≤ 0.1V or
VILB
Bn
3.3
4.5
0.8
0.8
≥ VCC −0.1V
3.3
5.5
0.8
0.8
VOHA
Minimum HIGH Level
3.0
4.5
2.99
2.9
2.9
V
IOUT = −100 μA
Output Voltage
3.0
4.5
2.65
2.35
2.25
IOH = −24 mA
2.7
4.5
2.5
2.3
2.2
IOH = −12 mA
2.7
4.5
2.3
2.1
2.0
IOH = −24 mA
VOHB
3.0
4.5
4.5
4.4
4.4
V
IOUT = −100 μA
3.0
4.5
4.25
3.86
3.76
IOH = −24 mA
VOLA
Maximum LOW Level
3.0
4.5
0.002
0.1
0.1
V
IOUT =100 μA
Output Voltage
3.0
4.5
0.21
0.36
0.44
IOL = 24 mA
2.7
4.5
0.11
0.36
0.44
IOL = 12 mA
2.7
4.5
0.22
0.42
0.5
IOL = 24 mA
VOLB
3.0
4.5
0.002
0.1
0.1
V
IOUT = 100 μA
3.0
4.5
0.18
0.36
0.44
IOL = 24 mA
IIN
Maximum Input
Leakage Current
3.6
5.5
±0.1
±1.0
μA
VI = VCCB, GND
@ OE, T/R
IOZA
Maximum 3-STATE
VI = VIL, VIH
Output Leakage
3.6
5.5
±0.5
±5.0
μA
OE
= VCCA
@ An
VO = VCCA, GND
IOZB
Maximum 3-STATE
VI = VIL, VIH
Output Leakage
3.6
5.5
±0.5
±5.0
μA
OE
= VCCA
@ Bn
VO = VCCB, GND


Número de pieza similar - 74LVX3245MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

Descripción similar - 74LVX3245MTCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com