Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4803CS2 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FAN4803CS2
Descripción Electrónicos  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803CS2 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN4803CS2 Datasheet HTML 1Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 2Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 3Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803CS2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN4803
PRODUCT SPECIFICATION
2
REV. 1.2.3 11/2/04
Pin Configuration
Pin Description
1
2
3
4
8
7
6
5
PFC OUT
GND
ISENSE
VEAO
PWM OUT
VCC
ILIMIT
VDC
TOP VIEW
8-Pin SOIC (S08)
8-Pin PDIP (P08)
FAN4803
Pin
Name
Function
1
PFC OUT
PFC driver output
2
GND
Ground
3ISENSE
Current sense input to the PFC current limit comparator
4
VEAO
PFC one-pin error amplifier input
5VDC
PWM voltage feedback input
6ILIMIT
PWM current limit comparator input
7VCC
Positive supply (may require an external shunt regulator)
8
PWM OUT
PWM driver output
Absolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum
ratings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min
Max
Unit
ICC Current (average)
40
mA
VCC MAX
18.3
V
ISENSE Voltage
-5
1
V
Voltage on Any Other Pin
GND – 0.3
VCC + 0.3
V
Peak PFC OUT Current, Source or Sink
1
A
Peak PWM OUT Current, Source or Sink
1
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
µJ
Junction Temperature
150
°C
Storage Temperature Range
-65°
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (
θJA)
Plastic DIP
110
°C/W
Plastic SOIC
160
°C/W
Temperature Range
FAN4803CS-X
0°C to 70°C
FAN4803CP-X
0°C to 70°C


Número de pieza similar - FAN4803CS2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

Descripción similar - FAN4803CS2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com