Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-5401 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-5401
Descripción Electrónicos  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5401 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-5401 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-5401 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
PULSE
GENERATOR
ZO = 50
Ω
tr = tf = 5 ns
C1
30 pF
INPUT VE
MONITORING
NODE
VCC
D1
D2
2.5 K
Ω
D3
D4
S2
S1
VO
8
7
6
5
1
2
3
4
0.1 µF
Figure 8. Test circuit for tPHZ, tPZH, tPLZ, and tPZL. (single channel product only)
Figure 5. Test circuit for tPLH, tPHL, tr, and tf
Figure 6. Typical propagation delay vs. ambient temperature
Figure 7. Typical propagation delay vs. input forward current
GND
VCC
IF
5.0 V
D.U.T.
1.3 K
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
f = 500 kHz
25 % DUTY
CYCLE
30 pF
C2
THE PROBE AND JIG CAPACITANCES
ARE REPRESENTED BY C1 AND C2.
ALL DIODES ARE 1N4150 OR EQUIVALENT.
VO
OUTPUT
MONITORING
NODE
VCC
2.5 K
Ω
C1
15 pF
100
Ω
0.1 µF


Número de pieza similar - HCPL-5401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-5401 HP-HCPL-5401 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Descripción similar - HCPL-5401

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com