Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA1517ATW Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza TDA1517ATW
Descripción Electrónicos  8 W BTL or 2 횞 4 W SE power amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1517ATW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA1517ATW Datasheet HTML 3Page - NXP Semiconductors TDA1517ATW Datasheet HTML 4Page - NXP Semiconductors TDA1517ATW Datasheet HTML 5Page - NXP Semiconductors TDA1517ATW Datasheet HTML 6Page - NXP Semiconductors TDA1517ATW Datasheet HTML 7Page - NXP Semiconductors TDA1517ATW Datasheet HTML 8Page - NXP Semiconductors TDA1517ATW Datasheet HTML 9Page - NXP Semiconductors TDA1517ATW Datasheet HTML 10Page - NXP Semiconductors TDA1517ATW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
2001 Apr 17
7
NXP Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
Notes to the characteristics
1. RL =4 Ω, measured in Fig.4.
2. Output power is measured directly at the output pins of the IC.
3. Frequency response externally fixed.
4. Vripple =Vripple(max) = 2 V (p-p); RS =0 Ω.
5. Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
6. Noise output voltage independent of RS.
7. Vi =Vi(max) = 1 V (RMS).
8. RL =8 Ω, measured in Fig.3.
APPLICATION INFORMATION
handbook, full pagewidth
MGU304
15
410
11
16
8
+OUT
−OUT
PGND
SGND
9
100
nF
1000
μF
RL
8
Ω
VCC
TDA1517ATW
15 k
Ω
10 k
Ω
8.2
k
Ω
15 k
Ω
12
13
+IN1
3
18
17
MODE
5
470 nF
A
Ri
60 k
Ω
B
VCC
VCC
STANDBY/
MUTE LOGIC
MICRO-
CONTROLLER
μc1
μc2
μc1
0
0
1
On
Mute
Standby
μc2
0
1
0
SHORT CIRCUIT
AND
TEMPERATURE
PROTECTION
input
reference
voltage
Ri
60 k
Ω
Fig.3 BTL application block diagram.


Número de pieza similar - TDA1517ATW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
More results

Descripción similar - TDA1517ATW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8947J PHILIPS-TDA8947J Datasheet
200Kb / 24P
   4-channel audio amplifier (SE: 1 W to 25 W; BTL: 4 W to 50 W)
Rev. 01-06 February 2004
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com