Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2902D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2902D
Descripción Electrónicos  QUADRUPLE OPERATIONAL AMPLIFIERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2902D Datasheet(HTML) 5 Page - Texas Instruments

  LM2902D Datasheet HTML 1Page - Texas Instruments LM2902D Datasheet HTML 2Page - Texas Instruments LM2902D Datasheet HTML 3Page - Texas Instruments LM2902D Datasheet HTML 4Page - Texas Instruments LM2902D Datasheet HTML 5Page - Texas Instruments LM2902D Datasheet HTML 6Page - Texas Instruments LM2902D Datasheet HTML 7Page - Texas Instruments LM2902D Datasheet HTML 8Page - Texas Instruments LM2902D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V,
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066T − SEPTEMBER 1975 − REVISED MARCH 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
LM2902
ALL OTHER
DEVICES
UNIT
Supply voltage, VCC (see Note 1)
±13 or 26
±16 or 32
V
Differential input voltage, VID (see Note 2)
±26
±32
V
Input voltage, VI (either input)
−0.3 to 26
−0.3 to 32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C,
VCC ≤ 15 V (see Note 3)
Unlimited
Unlimited
D package
86
86
DB package
96
96
Package thermal impedance,
θJA (see Notes 4 and 5)
N package
80
80
°C/W
Package thermal impedance,
θJA (see Notes 4 and 5)
NS package
76
76
C/W
PW package
113
113
FK package
5.61
Package thermal impedance,
qJC (see Notes 6 and 7)
J package
15.05
°C/W
Package thermal impedance,
qJC (see Notes 6 and 7)
W package
14.65
C/W
Operating virtual junction temperature, TJ
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J or W package
300
300
°C
Storage temperature range, Tstg
−65 to 150
−65 to 150
°C
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
2. Differential voltages are at IN+, with respect to IN−.
3. Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
4. Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
5. The package thermal impedance is calculated in accordance with JESD 51-7.
6. Maximum power dissipation is a function of TJ(max), qJC, and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ(max) − TC)/qJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
7. The package thermal impedance is calculated in accordance with MIL-STD-883.
ESD protection
TEST CONDITIONS
TYP
UNIT
Human-Body Model
LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
±2
kV


Número de pieza similar - LM2902D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
LM2902D PHILIPS-LM2902D Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM2902D TI1-LM2902D Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
logo
STMicroelectronics
LM2902D STMICROELECTRONICS-LM2902D Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
LM2902D TI-LM2902D Datasheet
1Mb / 47P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
logo
ON Semiconductor
LM2902D ONSEMI-LM2902D Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
More results

Descripción similar - LM2902D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
   Quadruple Operational Amplifiers
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com