Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N383S Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza 4N383S
Descripción Electrónicos  HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N383S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  4N383S Datasheet HTML 1Page - Fairchild Semiconductor 4N383S Datasheet HTML 2Page - Fairchild Semiconductor 4N383S Datasheet HTML 3Page - Fairchild Semiconductor 4N383S Datasheet HTML 4Page - Fairchild Semiconductor 4N383S Datasheet HTML 5Page - Fairchild Semiconductor 4N383S Datasheet HTML 6Page - Fairchild Semiconductor 4N383S Datasheet HTML 7Page - Fairchild Semiconductor 4N383S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TA - AMBIENT TEMPERATURE (˚C)
Fig.3 Normalized Output Current vs. LED Input Current
IF - LED INPUT CURRENT (mA)
110
0.01
0.1
1
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
TA - AMBIENT TEMPERATURE (˚C)
Fig.4 Normalized Output Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.1
1
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 10 mA
IF = 5 mA
IF = 20 mA
TA - AMBIENT TEMPERATURE (˚C)
Normalized Collector-Base Current vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
5
6
7
8
9
10
Normalized to:
VCE = 10 V
IF = 10 mA
RBE = 106
TA = 25˚C
IF = 50 mA
IF = 10 mA
IF = 5 mA
Fig.5 Normalized Dark Current vs. Ambient Temperature
10
20
30
40
50
60
70
80
90
100
110
0.1
1
10
100
1000
10000
VCE = 300 V
VCE = 100 V
VCE = 50 V
Normalized to:
VCE = 100 V
RBE = 106
TA = 25˚C
8/9/00
200046A
H11D1, H11D2, H11D3, H11D4, 4N38
HIGH VOLTAGE
PHOTOTRANSISTOR OPTOCOUPLERS


Número de pieza similar - 4N383S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
4N38 MOTOROLA-4N38 Datasheet
293Kb / 6P
   STANDARD THRU HOLE CASE 730A-04
logo
Vishay Siliconix
4N38 VISHAY-4N38 Datasheet
157Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 27-Jan-05
logo
Toshiba Semiconductor
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Infineon Technologies A...
4N38 INFINEON-4N38 Datasheet
408Kb / 6P
   Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
Everlight Electronics C...
4N38 EVERLIGHT-4N38 Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Descripción similar - 4N383S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2M FAIRCHILD-H11D1SR2M Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1M FAIRCHILD-H11D1M Datasheet
228Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SM FAIRCHILD-H11D1SM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
H11D1SR2VM FAIRCHILD-H11D1SR2VM Datasheet
249Kb / 9P
   High Voltage Phototransistor Optocouplers
logo
ON Semiconductor
4N38M ONSEMI-4N38M Datasheet
339Kb / 10P
   6-Pin DIP High Voltage Phototransistor Optocouplers
February, 2022 - Rev. 0
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com