Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC642P_F085 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDC642P_F085
Descripción Electrónicos  FDC642P P-Channel 2.5V specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642P_F085 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC642P_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDC642P_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDC642P_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDC642P_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDC642P_F085 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC642P, Rev. B
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0
5
10
15
20
012345
-VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-3.5V
-3.0V
-2.0V
-1.5V
0.8
1
1.2
1.4
1.6
04
8
12
16
20
- I
D, DRAIN CURRENT (A)
V
GS = -2.5V
-3.5V
-4.5V
-3.0V
-4.0V
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = - 4A
V
GS = - 4.5V
0
0.05
0.1
0.15
0.2
0.25
12
345
-V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = -2A
TA = 125
oC
TA = 25
oC
0
2
4
6
8
10
0.4
0.8
1.2
1.6
2
2.4
-V
GS, GATE TO SOURCE VOLTAGE (V)
T
A = -55
oC
25
oC
125
oC
V
DS = -5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
T = 125
oC
25
oC
-55
oC
V
GS = 0V


Número de pieza similar - FDC642P_F085

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com