Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD8186ARU Datasheet(PDF) 2 Page - Analog Devices |
|
AD8186ARU Datasheet(HTML) 2 Page - Analog Devices |
2 / 20 page REV. A –2– AD8186/AD8187–SPECIFICATIONS (TA = 25 C; AD8186: VS = 5 V, RL = 1 k to 2.5 V; AD8187: VS = 5 V, VREF = 2.5 V, RL = 150 to 2.5 V; unless otherwise noted.) Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE –3 dB Bandwidth (Small Signal) VOUT = 200 mV p-p 1000/1000 MHz –3 dB Bandwidth (Large Signal) VOUT = 2 V p-p 450/480 MHz 0.1 dB Flatness VOUT = 200 mV p-p 90/85 MHz Slew Rate (10% to 90% Rise Time) VOUT = 2 V p-p, RL = 150 Ω 1600/1500 V/ s Settling Time to 0.1% VIN = 1 V Step, RL = 150 Ω 6/7.5 ns NOISE/DISTORTION PERFORMANCE Differential Gain 3.58 MHz, RL = 150 Ω 0.05/0.05 % Differential Phase 3.58 MHz, RL = 150 Ω 0.05/0.05 Degrees All Hostile Crosstalk 5 MHz –84/–78 dB 100 MHz –52/–48 dB Channel-to-Channel Crosstalk, RTI 5 MHz –90/–85 dB OFF Isolation 5 MHz –84/–95 dB Voltage Noise, RTI f = 100 kHz to 100 MHz 7/9 nV/ √Hz DC PERFORMANCE Voltage Gain Error No Load 0.1/0.1 0.3/0.6 % Voltage Gain Error Matching Channel A to Channel B 0.04/0.04 0.2/0.2 % VREF Gain Error 1 k Ω Load 0.04 0.6 % Input Offset Voltage 0.2/0.5 6.5/7.0 mV TMIN to TMAX 8.0 mV Input Offset Voltage Matching Channel A to Channel B 0.2/0.2 5.0/5.5 mV Input Offset Drift 10/5 V/ºC Input Bias Current 1.5/1.5 4/4 A VREF Bias Current (for AD8187 only) 1.0 A INPUT CHARACTERISTICS Input Resistance @100 kHz 1.8/1.3 M Ω Input Capacitance 0.9/1.0 pF Input Voltage Range (About Midsupply) IN0A, IN0B, IN1A, IN1B, IN2A, IN2B 1.2/ 1.2 V VREF +0.9, –1.2 V OUTPUT CHARACTERISTICS Output Voltage Swing RL = 1 k Ω 3.1/2.8 3.2/3.0 V p-p RL = 150 Ω 2.8/2.5 3.0/2.7 V p-p Short Circuit Current 85 mA Output Resistance Enabled @ 100 kHz 0.2/0.35 Ω Disabled @ 100 kHz 1000/600 k Ω Output Capacitance Disabled 1.5/2.0 pF POWER SUPPLY Operating Range 3.5 5.5 V Power Supply Rejection Ratio +PSRR, VCC = 4.5 V to 5.5 V, VEE = 0 V –72/–61 dB –PSRR, VEE = –0.5 V to +0.5 V, VCC = 5.0 V –76/–72 dB Quiescent Current All Channels ON 18.5/19.5 21.5/22.5 mA All Channels OFF 3.5/4.5 4.5/5.5 mA TMIN to TMAX, All Channels ON 15 23 mA AD8186/AD8187 |
Número de pieza similar - AD8186ARU |
|
Descripción similar - AD8186ARU |