Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC4052BQ Datasheet(PDF) 7 Page - NXP Semiconductors |
|
74HC4052BQ Datasheet(HTML) 7 Page - NXP Semiconductors |
7 / 29 page 74HC_HCT4052 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 19 July 2012 7 of 29 NXP Semiconductors 74HC4052; 74HCT4052 Dual 4-channel analog multiplexer/demultiplexer 9. Recommended operating conditions Table 5. Recommended operating conditions Symbol Parameter Conditions 74HC4052 74HCT4052 Unit Min Typ Max Min Typ Max VCC supply voltage see Figure 7 and Figure 8 VCC GND 2.0 5.0 10.0 4.5 5.0 5.5 V VCC VEE 2.0 5.0 10.0 2.0 5.0 10.0 V VI input voltage GND - VCC GND - VCC V VSW switch voltage VEE -VCC VEE -VCC V Tamb ambient temperature 40 +25 +125 40 +25 +125 C t/V input transition rise and fall rate VCC = 2.0 V - - 625 - - - ns/V VCC = 4.5 V - 1.67 139 - 1.67 139 ns/V VCC =6.0 V - - 83 - - - ns/V VCC = 10.0 V - - 31 - - - ns/V Fig 7. Guaranteed operating area as a function of the supply voltages for 74HC4052 Fig 8. Guaranteed operating area as a function of the supply voltages for 74HCT4052 mnb044 04 12 12 0 4 8 8 operating area VCC − VEE (V) VCC − GND (V) mnb045 0 12 6 10 8 2 4 04 12 8 operating area VCC − VEE (V) VCC − GND (V) |
Número de pieza similar - 74HC4052BQ |
|
Descripción similar - 74HC4052BQ |