Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC546B Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BC546B
Descripción Electrónicos  65 V, 100 mA NPN general-purpose transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC546B Datasheet(HTML) 5 Page - NXP Semiconductors

  BC546B Datasheet HTML 1Page - NXP Semiconductors BC546B Datasheet HTML 2Page - NXP Semiconductors BC546B Datasheet HTML 3Page - NXP Semiconductors BC546B Datasheet HTML 4Page - NXP Semiconductors BC546B Datasheet HTML 5Page - NXP Semiconductors BC546B Datasheet HTML 6Page - NXP Semiconductors BC546B Datasheet HTML 7Page - NXP Semiconductors BC546B Datasheet HTML 8Page - NXP Semiconductors BC546B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BC846_BC546_SER_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 17 November 2009
5 of 14
NXP Semiconductors
BC846/BC546 series
65 V, 100 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
[2]
VBEsat decreases by approximately 1.7 mV/K with increasing temperature.
[3]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE =0A
-
-
15
nA
VCB =30V; IE =0A;
Tj = 150 °C
--
5
μA
IEBO
emitter-base cut-off
current
VEB =5V; IE = 0 A
-
-
100
nA
hFE
DC current gain
hFE group A
VCE =5V; IC =10 μA-
180
-
hFE group B
VCE =5V; IC =10 μA-
290
-
DC current gain
VCE =5V; IC = 2 mA
110
-
450
hFE group A
VCE =5V; IC = 2 mA
110
180
220
hFE group B
VCE =5V; IC = 2 mA
200
290
450
VCEsat
collector-emitter
saturation voltage
IC =10mA; IB = 0.5 mA
-
90
200
mV
IC = 100 mA; IB =5mA
[1] -
200
400
mV
VBEsat
base-emitter
saturation voltage
IC =10mA; IB =0.5 mA
[2] -760
-
mV
IC = 100 mA; IB =5mA
[2] -900
-
mV
VBE
base-emitter voltage
IC =2mA; VCE =5 V
[3] 580
660
700
mV
IC =10mA; VCE =5V
[3] -
-
770
mV
fT
transition frequency
VCE =5V; IC =10 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance VCB =10V; IE =ie =0A;
f= 1MHz
-2
3
pF
Ce
emitter capacitance
VEB =0.5 V; IC =ic =0A;
f= 1MHz
-11
-
pF
NF
noise figure
IC = 200 μA; VCE =5V;
RS =2kΩ; f = 1 kHz;
B=200 Hz
-
2
10
dB


Número de pieza similar - BC546B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
   Amplifier Transistors
logo
SeCoS Halbleitertechnol...
BC546B SECOS-BC546B Datasheet
183Kb / 3P
   Elektronische Bauelemente
logo
Taiwan Semiconductor Co...
BC546B TSC-BC546B Datasheet
253Kb / 5P
   NPN Transistor
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546B NXP-BC546B Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
More results

Descripción similar - BC546B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC846.215 NXP-BC846.215 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
logo
NXP Semiconductors
BC846 NXP-BC846 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B235 NXP-BC846B235 Datasheet
404Kb / 14P
   65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
Nexperia B.V. All right...
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
   General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
   General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
   65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com