Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP56 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza BCP56
Descripción Electrónicos  80 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP56 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BCP56 Datasheet HTML 4Page - NXP Semiconductors BCP56 Datasheet HTML 5Page - NXP Semiconductors BCP56 Datasheet HTML 6Page - NXP Semiconductors BCP56 Datasheet HTML 7Page - NXP Semiconductors BCP56 Datasheet HTML 8Page - NXP Semiconductors BCP56 Datasheet HTML 9Page - NXP Semiconductors BCP56 Datasheet HTML 10Page - NXP Semiconductors BCP56 Datasheet HTML 11Page - NXP Semiconductors BCP56 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BC639_BCP56_BCX56_8
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 08 — 22 June 2007
8 of 15
NXP Semiconductors
BC639; BCP56; BCX56
80 V, 1 A NPN medium power transistors
FR4 PCB, standard footprint
Fig 7.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
FR4 PCB, mounting pad for collector 1 cm2
Fig 8.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aaa815
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
006aaa090
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01


Número de pieza similar - BCP56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BCP56 PHILIPS-BCP56 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56 Datasheet
182Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Shanghai Leiditech Elec...
BCP56 LEIDITECH-BCP56 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
STMicroelectronics
BCP56 STMICROELECTRONICS-BCP56 Datasheet
71Kb / 4P
   MEDIUM POWER AMPLIFIER
logo
Diodes Incorporated
BCP56 DIODES-BCP56 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
More results

Descripción similar - BCP56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com